| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMX625 bảng dữ liệu(PDF) 33 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX625 bảng dữ liệu(HTML) 33 Page - CML Microcircuits |
|
33 / 34 page ![]() ISDN TA POTS Interface CMX625 Handling precautions: This product includes input protection, however, precautions should be taken to prevent device damage from electro-static discharge. CML does not assume any responsibility for the use of any circuitry described. No IPR or circuit patent licences are implied. CML reserves the right at any time without notice to change the said circuitry and this product specification. CML has a policy of testing every product shipped using calibrated test equipment to ensure compliance with this product specification. Specific testing of all circuit parameters is not necessarily performed. Oval Park - LANGFORD MALDON - ESSEX CM9 6WG - ENGLAND Telephone: +44 (0)1621 875500 Telefax: +44 (0)1621 875600 e-mail: sales@cmlmicro.co.uk http://www.cmlmicro.co.uk 1.7.2 Packaging Figure 12 24-pin SSOP (D5) Mechanical Outline: Order as part no. CMX625D5 Figure 13 24-pin DIL (P4) Mechanical Outline: Order as part no. CMX625P4 |