công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MOR283R3S bảng dữ liệu(PDF) 18 Page - Interpoint Corporation Company

tên linh kiện MOR283R3S
Giải thích chi tiết về linh kiện  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S bảng dữ liệu(HTML) 18 Page - Interpoint Corporation Company

Back Button MOR283R3S Datasheet HTML 14Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 15Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 16Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 17Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 18Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 19Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 20Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 21Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 22Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Angled corner
indicates pin one.
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
0.128 dia
(3.25).
0.040 dia
(1.02)
Seam Seal
TOP VIEW CASE U2
Flanged case, short leads
0.300 ±0.050 (7.60 ±1.27) Pin length
1
2
3
4
5
6
12
11
10
9
8
7
1.505 max. (38.23)
Case U2 does not require designator in Case Option position of model number for the MOR family
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compresion glass seal
Seal Hole: 0.100 ±0.002 (2.54 ±0.05)
Case U2, Rev E, 20100401
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2010 Interpoint Corp. All rights reserved.
Figure 55: CaSe u2
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converter cases
28 Volt input – 120 Watt
www.interpoint.com
Page 18 of 24
MOR Rev K - 20100422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com