công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M48T201Y bảng dữ liệu(PDF) 28 Page - STMicroelectronics

tên linh kiện M48T201Y
Giải thích chi tiết về linh kiện  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y bảng dữ liệu(HTML) 28 Page - STMicroelectronics

Back Button M48T201Y_09 Datasheet HTML 24Page - STMicroelectronics M48T201Y_09 Datasheet HTML 25Page - STMicroelectronics M48T201Y_09 Datasheet HTML 26Page - STMicroelectronics M48T201Y_09 Datasheet HTML 27Page - STMicroelectronics M48T201Y_09 Datasheet HTML 28Page - STMicroelectronics M48T201Y_09 Datasheet HTML 29Page - STMicroelectronics M48T201Y_09 Datasheet HTML 30Page - STMicroelectronics M48T201Y_09 Datasheet HTML 31Page - STMicroelectronics M48T201Y_09 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
DC and AC parameters
M48T201Y, M48T201V
28/37
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in
Table 11: DC and AC measurement conditions. Designers should check that the operating
conditions in their projects match the measurement conditions when using the quoted
parameters.
Table 11.
DC and AC measurement conditions
Note:
Output High Z is defined as the point where data is no longer driven.
Figure 13.
AC testing load circuit
Note:
Excluding open-drain output pin; 50 pF for M48T201V.
Table 12.
Capacitance
Parameter
M48T201Y
M48T201V
Unit
VCC supply voltage
4.5 to 5.5
3.0 to 3.6
V
Ambient operating temperature
0 to 70
0 to 70
°C
Load capacitance (CL)
100
50
pF
Input rise and fall times
≤ 5
≤ 5ns
Input pulse voltages
0 to 3
0 to 3
V
Input and output timing ref. voltages
1.5
1.5
V
AI04764
CL = 100pF
CL includes JIG capacitance
645
Ω
DEVICE
UNDER
TEST
1.75V
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5 V; sampled only, not 100% tested.
2.
At 25°C; f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance
10
pF
COUT
(3)
3.
Outputs deselected.
Input/output capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com