| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BTA08-600C bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BTA08-600C bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() Characteristics BTA08, BTB08 and T8 Series 4/12 Doc ID 7472 Rev 7 Figure 1. Maximum power dissipation versus rms on-state current (full cycle) Figure 2. On-state rms current versus case temperature (full cycle) P(W) 0 1 23 45 678 0 1 2 3 4 5 6 7 8 9 10 I (A) T(RMS) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 8 9 10 I (A) T(RMS) T (°C) C BTA BTB / T8 Figure 3. On-state rms current versus ambient temperature (full cycle) Figure 4. Relative variation of thermal impedance versus pulse duration 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 I (A) T(RMS) T (°C) C DPAK (S=1CM ) 2 2 DPAK (S=0.5CM ) 2 printed circuit board FR4, copper thickness: 35 µm 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2 1E-3 1E-2 1E-1 1E+0 K=[Z /R th th] t (s) p Zth(j-c) DPAK/IPAK Zth(j-a) TO-220AB/D PAK 2 Zth(j-a) Figure 5. On-state characteristics (maximum values) Figure 6. Surge peak on-state current versus number of cycles 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 1 10 100 I (A) TM V (V) TM T max. V = 0.85V R = 50 m j to d Ω T= j T max. j T = 25°C j . 1 10 100 1000 0 10 20 30 40 50 60 70 80 90 I (A) TSM Number of cycles t=20ms One cycle Non repetitive T initial=25°C j Repetitive T =110°C C |