| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MM912F634CV2AP bảng dữ liệu(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MM912F634CV2AP bảng dữ liệu(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 335 page ![]() Functional Description and Application Information Introduction MM912F634 Freescale Semiconductor 40 4.1.2 Detailed Module Register Maps Table 48 to Table 65 show the detailed module maps of the MM912F634 MCU die. Table 48. 0x0000–0x0017 Port Integration Module (PIM) 1of 2 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x0000 PTA R 00 PTA5 PTA4 PTA3 PTA2 PTA1 PTA 0 W 0x0001 Reserved R 000 00000 W 0x0002 DDRA R 00 DDRA5 DDRA4 DDRA3 DDRA2 DDRA1 DDRA0 W 0x0003 Reserved R 000 00000 W 0x0004 PTC R 000 000 PTC1 PTC0 W 0x0005 PTD R PTD7 PTD6 PTD5 PTD4 PTD3 PTD2 PTD1 PTD0 W 0x0006 DDRC R 000 000 DDRC1 DDRC0 W 0x0007 DDRD R DDRD7 DDRD6 DDRD5 DDRD4 DDRD3 DDRD2 DDRD1 DDRD0 W 0x0008- 0x0017 Reserved R 000 00000 W Table 49. 0x0018–0x001E Miscellaneous Peripheral Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x0018-0 x0019 Reserved R 000 00000 W 0x001A PARTIDH R PARTIDH W 0x001B PARTIDL R PARTIDL W 0x001C- 0x001E Reserved R 000 00000 W Table 50. 0x001F Interrupt Module (S12SINT) 0x001F IVBR R IVB_ADDR[7:0] W |