| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSC8102UG bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8102UG bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 80 page ![]() Direct Slave Interface, System Bus, and Interrupt Signals MSC8102 Quad Core Digital Signal Processor, Rev. 12 Freescale Semiconductor 1-9 IRQ4 DP4 DACK3 EXT_DBG3 Input Input/Output Output Output Interrupt Request 4 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. System Bus Data Parity 4 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 4 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 4 and D[32–39]. DMA Acknowledge 3 The DMA drives this output to acknowledge the DMA transaction on the bus. External Data Bus Grant 3 2 The MSC8102 asserts this pin to grant data bus ownership to an external bus master. IRQ5 DP5 DACK4 EXT_BG3 Input Input/Output Output Output Interrupt Request 5 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. System Bus Data Parity 5 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 5 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 5 and D[40–47]. DMA Acknowledge 4 The DMA drives this output to acknowledge the DMA transaction on the bus. External Bus Grant 3 2 The MSC8102 asserts this pin to grant bus ownership to an external bus. IRQ6 DP6 DREQ3 Input Input/Output Input Interrupt Request 6 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. System Bus Data Parity 6 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 6 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 6 and D[48–55]. DMA Request 3 Used by an external peripheral to request DMA service. IRQ7 DP7 DREQ4 Input Input/Output Input Interrupt Request 7 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. System Bus Data Parity 7 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 7 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 7 and D[56–63]. DMA Request 4 Used by an external peripheral to request DMA service. TA Input/Output Transfer Acknowledge Indicates that a data beat is valid on the data bus. For single-beat transfers, TA assertion indicates the termination of the transfer. For burst transfers, TA is asserted eight times to indicate the transfer of eight data beats, with the last assertion indicating the termination of the burst transfer. TEA Input/Output Transfer Error Acknowledge Assertion indicates a failure of the data tenure transaction.The masters within the MSC8102 monitor the state of this pin. The MSC8102 internal bus monitor can assert this pin if it identifies a bus transfer that does not complete. Table 1-5. DSI, System Bus, and Interrupt Signals (Continued) Signal Name Type Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |