công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8102UG bảng dữ liệu(PDF) 14 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8102UG
Giải thích chi tiết về linh kiện  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102UG bảng dữ liệu(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MSC8102UG Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
1-4
Freescale Semiconductor
Signals/Connections
1.4 Direct Slave Interface, System Bus, and Interrupt
Signals
The direct slave interface (DSI) is combined with the system bus because they share some common signal lines.
Individual assignment of a signal to a specific signal line is configured through internal registers. Table 1-5
describes the signals in this group.
Note:
Although there are fifteen interrupt request (IRQ) connections to the core processors, there are multiple
external lines that can connect to these internal signal lines. After reset, the default configuration enables
only IRQ[1–7], but includes two input lines each for IRQ[1–3] and IRQ7. The designer must select one line for
each required interrupt and reconfigure the other external signal line or lines for alternate functions.
Additional alternate IRQ lines and IRQ[8–15] are enabled through the GPIO signal lines.
Table 1-5.
DSI, System Bus, and Interrupt Signals
Signal Name
Type
Description
HD0
SWTE
Input/ Output
Input
Host Data Bus 0
Bit 0 of the DSI data bus.
Software Watchdog Timer Disable.
It is sampled on the rising edge of PORESET signal.
HD1
DSISYNC
Input/ Output
Input
Host Data Bus 1
Bit 1 of the DSI data bus.
DSI Synchronous
Distinguishes between synchronous and asynchronous operation of the DSI. It is sampled on the rising
edge of PORESET signal.
HD2
DSI64
Input/ Output
Input
Host Data Bus 2
Bit 2 of the DSI data bus.
DSI 64
Defines the width of the DSI and SYSTEM Data buses. It is sampled on the rising edge of PORESET signal.
HD3
MODCK1
Input/ Output
Input
Host Data Bus 3
Bit 3 of the DSI data bus.
Clock Mode 1
Defines the clock frequencies. It is sampled on the rising edge of PORESET signal.
HD4
MODCK2
Input/ Output
Input
Host Data Bus 4
Bit 4 of the DSI data bus.
Clock Mode 2
Defines the clock frequencies. It is sampled on the rising edge of PORESET signal.
HD5
CNFGS
Input/ Output
Input
Host Data Bus 5
Bit 5 of the DSI data bus.
Configuration Source
One signal out of two that indicates reset configuration mode. It is sampled on the rising edge of PORESET
signal.
HD[6–31]
Input/Output
Host Data Bus 6–31
Bits 6–31 of the DSI data bus.
HD[32–63]
D[32–63]
Input/Output
Input/Output
Host Data Bus 32–63
Bits 32–63 of the DSI data bus.
System Bus Data 32–63
In write transactions, the bus master drives the valid data on this bus. In read transactions, the slave drives
the valid data on this bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com