công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4271-2S bảng dữ liệu(PDF) 19 Page - Infineon Technologies AG

tên linh kiện TLE4271-2S
Giải thích chi tiết về linh kiện  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2S bảng dữ liệu(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4271-2S Datasheet HTML 15Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 16Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 17Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 18Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 19Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 20Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 21Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 22Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TLE 4271-2
Data Sheet
19
Rev. 2.7, 2007-06-25
Package Outlines
Figure 7
PG-TO220-7-11 (Plastic Transistor Single Outline)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
Typical
±0.1
1.27
4.4
0.05
1)
All metal surfaces tin plated, except area of cut.
2.4
0.5 ±0.1
±0.4
3.9
±0.4
8.4
A
A
0.25 M
9.8 ±0.15
0...0.15
1.27
0.6 ±0.1
C
8.5
1)
9.9 ±0.2
7x
10 ±0.2
6x
C
GPT09083
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com