công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4271-2S bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG

tên linh kiện TLE4271-2S
Giải thích chi tiết về linh kiện  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2S bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG

  TLE4271-2S Datasheet HTML 1Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 2Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 3Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 4Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE 4271-2
Data Sheet
3
Rev. 2.7, 2007-06-25
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of a series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element.
The reset output RO is in high-state if the voltage on the delay capacitor
C
D is greater or
equal
V
UD. The delay capacitor CD is charged with the current ID for output voltages
greater than the reset threshold
V
RT. If the output voltage gets lower than VRT (‘reset
condition’) a fast discharge of the delay capacitor
C
D sets in and as soon as VD gets
lower than
V
LD the reset output RO is set to low-level.
The time for the delay capacitor charge from
V
UD to VLD is the reset delay time tD.
When the voltage on the delay capacitor has reached
V
UD and reset was set to high, the
watchdog circuit is enabled and discharges
C
D with the constant current IDWD. If there is
no rising edge observed at the watchdog input,
C
D will be discharge down to VLDW, then
reset output RO will be set to low and
C
D will be charged again with the current IDWC until
V
D reaches VUD and reset will be set high again.
If the watchdog pulse (rising edge at watchdog input WI) occurs during the discharge
period
C
D is charged again and the reset output stays high. After VD has reached VUD,
the periodical behavior starts again.
Internal protection circuits protect the IC against:
•
Overload
•
Overvoltage
•
Overtemperature
•
Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com