| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R27 bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R27 bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 487 page ![]() R8C/26 Group, R8C/27 Group 1. Overview Rev.2.10 Sep 26, 2008 Page 11 of 453 REJ09B0278-0210 NOTES: 1. This can be assigned to the pin in parentheses by a program. 2. XCIN, XCOUT can be used only for N or D version. 3. For the combination of using pins TXD1 and RXD1, refer to Figure 15.7 Registers PINSR1 and PMR. Table 1.6 Pin Name Information by Pin Number Pin Number Control Pin Port I/O Pin Functions for of Peripheral Modules Interrupt Timer Serial Interface Clock Synchronous Serial I/O with Chip Select I2C bus Interface A/D Converter 1 P3_5 (TRCIOD)(1) SSCK SCL 2 P3_7 TRAO RXD1/ (TXD1)(1, 3) SSO 3 RESET 4 XOUT/XCOUT(2) P4_7 5 VSS/AVSS 6 XIN/XCIN(2) P4_6 7VCC/AVCC 8MODE 9 P4_5 INT0 (RXD1)(1, 3) 10 P1_7 INT1 TRAIO 11 P3_6 (INT1)(1) (TXD1)/ (RXD1)(1, 3) 12 P3_1 TRBO 13 P5_4 TRCIOD 14 P5_3 TRCIOC 15 P1_6 CLK0 (SSI)(1) 16 P1_5 (INT1)(1) (TRAIO)(1) RXD0 17 P1_4 TXD0 18 P1_3 KI3 (TRBO) AN11 19 P1_2 KI2 TRCIOB AN10 20 VRFF P4_2 21 P1_1 KI1 TRCIOA/ TRCTRG AN9 22 P1_0 KI0 AN8 23 P3_3 INT3 TRCCLK SSI 24 P3_4 (TRCIOC)(1) SCS SDA 25 P0_7 AN0 26 P0_6 AN1 27 P0_5 CLK1 AN2 28 P0_4 TREO AN3 29 P0_3 AN4 30 P0_2 AN5 31 P0_1 AN6 32 P0_0 (TXD1)(1, 3) AN7 |