| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S5000XAL bảng dữ liệu(PDF) 44 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000XAL bảng dữ liệu(HTML) 44 Page - Intel Corporation |
|
44 / 112 page ![]() Intel ® Server Board S5000PAL / S5000XAL TPS Connector / Header Locations and Pin-outs Revision 1.7 Intel order number: D31979-010 45 5.3 System Management Headers 5.3.1 Intel ® Remote Management Module (RMM) Connector A 120-pin Intel ® RMM Connector (J1C5) is included on the server board for sole support of the optional Intel ® Remote Management Module. There is no support for third party ASMI cards on this server board. Note: This connector is NOT compatible for use with Intel ® Server Management Module Professional Edition (Product Code AXXIMMPRO) or the Intel ® Server Management Module Advanced Edition (Product Code AXXIMMADV). Table 13. Intel ® RMM Connector Pin-out (J1C5) Pin Signal Name Pin Signal Name 1 Reserved - NC 2 GND 3 ESB_PLT_RST_G1_N 4 Reserved - NC 5 GND 6 Reserved - NC 7 Reserved - NC 8 GND 9 Reserved - NC 10 GND 11 GND 12 Reserved - NC 13 GND 14 IRQ_SERIAL_R 15 USB_ESB_P7P 16 GND 17 USB_ESB_P7N 18 GND 19 GND 20 Reserved - NC 21 P3V3 22 Reserved - NC 23 LPC_LAD<0> 24 GND 25 LPC_LAD<1> 26 LPC_FRAME_N 27 P3V3 28 LPC_LAD<2> 29 LPC_LCLK 30 LPC_LAD<3> 31 P3V3 32 P3V3 33 SMB_1_3V3SB_MS_DAT 34 SMB_IPMB_3V3SB_DAT 35 SMB_1_3V3SB_SL_DAT 36 SMB_IPMB_3V3SB_CLK 37 SMB_1_3V3SB_MS_CLK 38 SMB_0_3V3SB_MS_CLK 39 SMB_1_3V3SB_INT 40 SMB_0_3V3SB_INT 41 P3V3_AUX 42 SMB_0_3V3SB_MS_DAT 43 SPB_IMM_DSR_N 44 SMB_0_3V3SB_SL_DAT 45 SPB_IMM_RTS_N 46 P3V3_AUX 47 SPB_IMM_CTS_N 48 FM_IMM_PRESENT_N 49 SPB_IMM_DCD_N 50 SPB_IMM_DTR_N 51 SPB_RI_N 52 SPB_IMM_SIN 53 SPB_IMM_SOUT 54 P3V3_AUX 55 P3V3_AUX 56 V_LCDDATA7 57 V_LCDCNTL3 56 V_LCDDATA6 59 P3V3_AUX 60 V_LCDDATA5 61 Reserved - NC 62 V_LCDDATA4 63 Reserved - NC 64 V_LCDDATA3 65 GND 66 V_LCDCNTL1 67 V_LCDCNTL0 68 GND 69 Reserved - NC 70 V_LCDDATA15 71 GND 72 V_LCDDATA714 |