| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D945GTP bảng dữ liệu(PDF) 13 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
D945GTP bảng dữ liệu(HTML) 13 Page - Intel Corporation |
|
13 / 92 page ![]() Product Description 13 Table 3. Board Components Shown in Figure 1 Item/callout from Figure 1 Description A Audio codec B Front panel audio connector C Ethernet device D PCI Conventional bus add-in card connectors [2] E PCI Express x16 bus add-in card connector F Back panel connectors G +12V power connector (ATX12V) H Rear chassis fan connector I LGA775 processor socket J Intel 82945G GMCH K Processor fan connector L DIMM Channel A sockets [2] M DIMM Channel B sockets [2] N SCSI LED connector (optional) O Legacy I/O controller P Power connector Q Diskette drive connector R Parallel ATE IDE connector S Battery T Front chassis fan connector U BIOS Setup configuration jumper block V Serial ATA connectors [4] W Auxiliary front panel power LED connector X Front panel connector Y Front panel USB connectors [2] Z Chassis intrusion connector AA Intel 82801G I/O Controller Hub (ICH7) BB SPI flash device CC IEEE-1394a controller (optional) DD Front panel IEEE-1394a connectors (optional) [2] EE Speaker FF PCI Express x1 bus add-in card connector |