công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D201GLY bảng dữ liệu(PDF) 3 Page - Intel Corporation

tên linh kiện D201GLY
Giải thích chi tiết về linh kiện  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY bảng dữ liệu(HTML) 3 Page - Intel Corporation

  D201GLY Datasheet HTML 1Page - Intel Corporation D201GLY Datasheet HTML 2Page - Intel Corporation D201GLY Datasheet HTML 3Page - Intel Corporation D201GLY Datasheet HTML 4Page - Intel Corporation D201GLY Datasheet HTML 5Page - Intel Corporation D201GLY Datasheet HTML 6Page - Intel Corporation D201GLY Datasheet HTML 7Page - Intel Corporation D201GLY Datasheet HTML 8Page - Intel Corporation D201GLY Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
iii
Preface
This Technical Product Specification (TPS) specifies the board layout, components,
connectors, power and environmental requirements, and the BIOS for the Intel®
Desktop Board D201GLY. It describes the standard product and available
manufacturing options.
Intended Audience
The TPS is intended to provide detailed, technical information about the Desktop Board
D201GLY and its components to the vendors, system integrators, and other engineers
and technicians who need this level of information. It is specifically not intended for
general audiences.
What This Document Contains
Chapter
Description
1
A description of the hardware used on the Desktop Board D201GLY
2
A map of the resources of the Desktop Board
3
The features supported by the BIOS Setup program
4
A description of the BIOS error messages and POST codes
Typographical Conventions
This section contains information about the conventions used in this specification. Not
all of these symbols and abbreviations appear in all specifications of this type.
Notes, Cautions, and Warnings
NOTE
Notes call attention to important information.
INTEGRATOR’S NOTES
Integrator’s notes are used to call attention to information that may be useful to
system integrators.
CAUTION
Cautions are included to help you avoid damaging hardware or losing data.
WARNING
Warnings indicate conditions, which if not observed, can cause personal injury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76