công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 90 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 90 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 86Page - STMicroelectronics PSD853F2 Datasheet HTML 87Page - STMicroelectronics PSD853F2 Datasheet HTML 88Page - STMicroelectronics PSD853F2 Datasheet HTML 89Page - STMicroelectronics PSD853F2 Datasheet HTML 90Page - STMicroelectronics PSD853F2 Datasheet HTML 91Page - STMicroelectronics PSD853F2 Datasheet HTML 92Page - STMicroelectronics PSD853F2 Datasheet HTML 93Page - STMicroelectronics PSD853F2 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
Initial delivery state
PSD8XXFX
90/128
Doc ID 7833 Rev 7
20
Initial delivery state
When delivered from ST, the PSD device has all bits in the memory and PLDs set to ’1.’ The
PSD Configuration register bits are set to ’0.’ The code, configuration, and PLD logic are
loaded using the programming procedure. Information for programming the device is
available directly from ST. Please contact your local sales representative.
Table 36.
JTAG Enable register(1)
1.
The state of Reset (RESET) does not interrupt (or prevent) JTAG operations if the JTAG signals are
dedicated by an NVM Configuration bit (via PSDsoft Express). However, Reset (RESET) prevents or
interrupts JTAG operations if the JTAG enable register is used to enable the JTAG signals.
Bit
Name
Description
Bit 0
JTAG_Enable
0 =
off
JTAG port is disabled.
1 =
on
JTAG port is enabled.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
X
0
Not used, and should be set to zero.
Bit 4
X
0
Not used, and should be set to zero.
Bit 5
X
0
Not used, and should be set to zero.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com