| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
440 bảng dữ liệu(PDF) 52 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
440 bảng dữ liệu(HTML) 52 Page - Intel Corporation |
|
52 / 71 page ![]() Package Mechanical Specifications and Pin Information 52 Datasheet J6 VCCP Power/Other J21 VCCP Power/Other J22 VSS Power/Other J23 D[11]# Source Synch Input/ Output J24 D[10]# Source Synch Input/ Output J25 VSS Power/Other J26 DINV[0]# Source Synch Input/ Output K1 VSS Power/Other K2 REQ[2]# Source Synch Input/ Output K3 REQ[0]# Source Synch Input/ Output K4 VSS Power/Other K5 A[6]# Source Synch Input/ Output K6 VCCP Power/Other K21 VCCP Power/Other K22 D[14]# Source Synch Input/ Output K23 VSS Power/Other K24 D[8]# Source Synch Input/ Output K25 D[17]# Source Synch Input/ Output K26 VSS Power/Other L1 A[13]# Source Synch Input/ Output L2 ADSTB[0]# Source Synch Input/ Output L3 VSS Power/Other L4 A[4]# Source Synch Input/ Output L5 REQ[4]# Source Synch Input/ Output L6 VSS Power/Other L21 VSS Power/Other L22 D[21]# Source Synch Input/ Output Table 14. Pin Listing by Pin Number Pin Number Pin Name Signal Buffer Type Direction L23 D[22]# Source Synch Input/ Output L24 VSS Power/Other L25 D[20]# Source Synch Input/ Output L26 D[29]# Source Synch Input/ Output M1 A[7]# Source Synch Input/ Output M2 VSS Power/Other M3 A[5]# Source Synch Input/ Output M4 RSVD Reserved M5 VSS Power/Other M6 VCCP Power/Other M21 VCCP Power/Other M22 VSS Power/Other M23 D[23]# Source Synch Input/ Output M24 DSTBN[1]# Source Synch Input/ Output M25 VSS Power/Other M26 DINV[1]# Source Synch Input/ Output N1 VSS Power/Other N2 A[8]# Source Synch Input/ Output N3 A[10]# Source Synch Input/ Output N4 VSS Power/Other N5 RSVD Reserved N6 VCCP Power/Other N21 VCCP Power/Other N22 D[16]# Source Synch Input/ Output N23 VSS Power/Other N24 D[31]# Source Synch Input/ Output N25 DSTBP[1]# Source Synch Input/ Output N26 VSS Power/Other Table 14. Pin Listing by Pin Number Pin Number Pin Name Signal Buffer Type Direction |