công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

345 bảng dữ liệu(PDF) 46 Page - Intel Corporation

tên linh kiện 345
Giải thích chi tiết về linh kiện  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

345 bảng dữ liệu(HTML) 46 Page - Intel Corporation

Back Button 345 Datasheet HTML 42Page - Intel Corporation 345 Datasheet HTML 43Page - Intel Corporation 345 Datasheet HTML 44Page - Intel Corporation 345 Datasheet HTML 45Page - Intel Corporation 345 Datasheet HTML 46Page - Intel Corporation 345 Datasheet HTML 47Page - Intel Corporation 345 Datasheet HTML 48Page - Intel Corporation 345 Datasheet HTML 49Page - Intel Corporation 345 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Pin Listing and Signal Descriptions
46
Datasheet
VSS
AB8
Power/Other
VSS
AC11
Power/Other
VSS
AC13
Power/Other
VSS
AC15
Power/Other
VSS
AC17
Power/Other
VSS
AC19
Power/Other
VSS
AC2
Power/Other
VSS
AC22
Power/Other
VSS
AC25
Power/Other
VSS
AC5
Power/Other
VSS
AC7
Power/Other
VSS
AC9
Power/Other
VSS
AD10
Power/Other
VSS
AD12
Power/Other
VSS
AD14
Power/Other
VSS
AD16
Power/Other
VSS
AD18
Power/Other
VSS
AD21
Power/Other
VSS
AD23
Power/Other
VSS
AD4
Power/Other
VSS
AD8
Power/Other
VSS
AE11
Power/Other
VSS
AE13
Power/Other
VSS
AE15
Power/Other
VSS
AE17
Power/Other
VSS
AE19
Power/Other
VSS
AE22
Power/Other
VSS
AE24
Power/Other
VSS
AE7
Power/Other
VSS
AE9
Power/Other
VSS
AF1
Power/Other
VSS
AF10
Power/Other
VSS
AF12
Power/Other
VSS
AF14
Power/Other
VSS
AF16
Power/Other
VSS
AF18
Power/Other
VSS
AF20
Power/Other
VSS
AF6
Power/Other
VSS
AF8
Power/Other
VSS
B10
Power/Other
VSS
B12
Power/Other
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction
VSS
B14
Power/Other
VSS
B16
Power/Other
VSS
B18
Power/Other
VSS
B20
Power/Other
VSS
B23
Power/Other
VSS
B26
Power/Other
VSS
B4
Power/Other
VSS
B8
Power/Other
VSS
C11
Power/Other
VSS
C13
Power/Other
VSS
C15
Power/Other
VSS
C17
Power/Other
VSS
C19
Power/Other
VSS
C2
Power/Other
VSS
C22
Power/Other
VSS
C25
Power/Other
VSS
C5
Power/Other
VSS
C7
Power/Other
VSS
C9
Power/Other
VSS
D10
Power/Other
VSS
D12
Power/Other
VSS
D14
Power/Other
VSS
D16
Power/Other
VSS
D18
Power/Other
VSS
D20
Power/Other
VSS
D21
Power/Other
VSS
D24
Power/Other
VSS
D3
Power/Other
VSS
D6
Power/Other
VSS
D8
Power/Other
VSS
E1
Power/Other
VSS
E11
Power/Other
VSS
E13
Power/Other
VSS
E15
Power/Other
VSS
E17
Power/Other
VSS
E19
Power/Other
VSS
E23
Power/Other
VSS
E26
Power/Other
VSS
E4
Power/Other
VSS
E7
Power/Other
VSS
E9
Power/Other
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82