| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
345 bảng dữ liệu(PDF) 73 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
345 bảng dữ liệu(HTML) 73 Page - Intel Corporation |
|
73 / 82 page ![]() Datasheet 73 Boxed Processor Specifications 7 Boxed Processor Specifications The Celeron D processor is also offered as a boxed Intel processor. Boxed Intel processors are intended for system integrators who build systems from baseboards and standard components. The boxed Celeron D processor will be supplied with a cooling solution. This chapter documents baseboard and system requirements for the cooling solution that will be supplied with the boxed Celeron D processor. This chapter is particularly important for OEMs that manufacture baseboards for system integrators. Unless otherwise noted, all figures in this chapter are dimensioned in millimeters and inches [in brackets]. Figure 7-1 shows a mechanical representation of a boxed Celeron D processor. • Drawings in this section reflect only the specifications on the boxed Intel processor product. These dimensions should not be used as a generic keep-out zone for all cooling solutions. It is the system designer's responsibility to consider their proprietary cooling solution when designing to the required keep-out zone on their system platform and chassis. Refer to the Intel ® Pentium 4 Processor on 90 nm Process Thermal Design Guidelines for further guidance. Contact your local Intel Sales Representative for this document. NOTE: The airflow of the fan heatsink is into the center and out of the sides of the fan heatsink. Figure 7-1. Mechanical Representation of the Boxed Intel® Celeron® D Processor |