| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
641 bảng dữ liệu(PDF) 45 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
641 bảng dữ liệu(HTML) 45 Page - Intel Corporation |
|
45 / 106 page ![]() Land Listing and Signal Descriptions Datasheet 45 D26# E13 Source Synch Input/Output D27# G13 Source Synch Input/Output D28# F14 Source Synch Input/Output D29# G14 Source Synch Input/Output D3# C6 Source Synch Input/Output D30# F15 Source Synch Input/Output D31# G15 Source Synch Input/Output D32# G16 Source Synch Input/Output D33# E15 Source Synch Input/Output D34# E16 Source Synch Input/Output D35# G18 Source Synch Input/Output D36# G17 Source Synch Input/Output D37# F17 Source Synch Input/Output D38# F18 Source Synch Input/Output D39# E18 Source Synch Input/Output D4# A5 Source Synch Input/Output D40# E19 Source Synch Input/Output D41# F20 Source Synch Input/Output D42# E21 Source Synch Input/Output D43# F21 Source Synch Input/Output D44# G21 Source Synch Input/Output D45# E22 Source Synch Input/Output D46# D22 Source Synch Input/Output D47# G22 Source Synch Input/Output D48# D20 Source Synch Input/Output D49# D17 Source Synch Input/Output D5# B6 Source Synch Input/Output D50# A14 Source Synch Input/Output D51# C15 Source Synch Input/Output D52# C14 Source Synch Input/Output D53# B15 Source Synch Input/Output D54# C18 Source Synch Input/Output D55# B16 Source Synch Input/Output D56# A17 Source Synch Input/Output D57# B18 Source Synch Input/Output D58# C21 Source Synch Input/Output D59# B21 Source Synch Input/Output D6# B7 Source Synch Input/Output D60# B19 Source Synch Input/Output Table 23.Alphabetical Land Assignments Land Name Land # Signal Buffer Type Direction D61# A19 Source Synch Input/Output D62# A22 Source Synch Input/Output D63# B22 Source Synch Input/Output D7# A7 Source Synch Input/Output D8# A10 Source Synch Input/Output D9# A11 Source Synch Input/Output DBI0# A8 Source Synch Input/Output DBI1# G11 Source Synch Input/Output DBI2# D19 Source Synch Input/Output DBI3# C20 Source Synch Input/Output DBR# AC2 Power/Other Output DBSY# B2 Common Clock Input/Output DEFER# G7 Common Clock Input DP0# J16 Common Clock Input/Output DP1# H15 Common Clock Input/Output DP2# H16 Common Clock Input/Output DP3# J17 Common Clock Input/Output DRDY# C1 Common Clock Input/Output DSTBN0# C8 Source Synch Input/Output DSTBN1# G12 Source Synch Input/Output DSTBN2# G20 Source Synch Input/Output DSTBN3# A16 Source Synch Input/Output DSTBP0# B9 Source Synch Input/Output DSTBP1# E12 Source Synch Input/Output DSTBP2# G19 Source Synch Input/Output DSTBP3# C17 Source Synch Input/Output FC1 G2 Power/Other Input FC11 AM5 Power/Other Output FC12 AM7 Power/Other Output FC15 H29 Power/Other Output FC16 AN7 Power/Other Output FC2 R1 Power/Other Input FC5 F2 Common Clock Input FC7 G5 Source Synch Output FC8 AK6 Power/Other Output FC10 E24 Power/Other Output FC17 Y3 Power/Other Output FC22 J3 Power/Other Output FC19 B13 Power/Other Output Table 23.Alphabetical Land Assignments Land Name Land # Signal Buffer Type Direction |