| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5000 bảng dữ liệu(PDF) 58 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
5000 bảng dữ liệu(HTML) 58 Page - Intel Corporation |
|
58 / 104 page ![]() Land Listing 58 Dual-Core Intel® Xeon® Processor 5000 Series Datasheet H16 DP2# Common Clk Input/Output J28 VCC Power/Other H17 VSS Power/Other J29 VCC Power/Other H18 VSS Power/Other J3 RESERVED H19 VSS Power/Other J30 VCC Power/Other H2 GTLREF_ADD_C1 Power/Other Input J4 VSS Power/Other H20 VSS Power/Other J5 REQ1# Source Sync Input/Output H21 VSS Power/Other J6 REQ4# Source Sync Input/Output H22 VSS Power/Other J7 VSS Power/Other H23 VSS Power/Other J8 VCC Power/Other H24 VSS Power/Other J9 VCC Power/Other H25 VSS Power/Other K1 LINT0 ASync GTL+ Input H26 VSS Power/Other K2 VSS Power/Other H27 VSS Power/Other K23 VCC Power/Other K24 VCC Power/Other M7 VSS Power/Other K25 VCC Power/Other M8 VCC Power/Other K26 VCC Power/Other N1 PWRGOOD Power/Other Input K27 VCC Power/Other N2 IGNNE# ASync GTL+ Input K28 VCC Power/Other N23 VCC Power/Other K29 VCC Power/Other N24 VCC Power/Other K3 A20M# ASync GTL+ Input N25 VCC Power/Other K30 VCC Power/Other N26 VCC Power/Other K4 REQ0# Source Sync Input/Output N27 VCC Power/Other K5 VSS Power/Other N28 VCC Power/Other K6 REQ3# Source Sync Input/Output N29 VCC Power/Other K7 VSS Power/Other N3 VSS Power/Other K8 VCC Power/Other N30 VCC Power/Other L1 LINT1 ASync GTL+ Input N4 RESERVED L2 TESTHI11 ASync GTL+ Input N5 RESERVED L23 VSS Power/Other N6 VSS Power/Other L24 VSS Power/Other N7 VSS Power/Other L25 VSS Power/Other N8 VCC Power/Other L26 VSS Power/Other P1 TESTHI10 Power/Other Input L27 VSS Power/Other P2 SMI# ASync GTL+ Input L28 VSS Power/Other P23 VSS Power/Other L29 VSS Power/Other P24 VSS Power/Other L3 VSS Power/Other P25 VSS Power/Other L30 VSS Power/Other P26 VSS Power/Other L4 A06# Source Sync Input/Output P27 VSS Power/Other L5 A05# Source Sync Input/Output P28 VSS Power/Other L6 VSS Power/Other P29 VSS Power/Other L7 VSS Power/Other P3 INIT# ASync GTL+ Input L8 VCC Power/Other P30 VSS Power/Other M1 VSS Power/Other P4 VSS Power/Other M2 THERMTRIP# ASync GTL+ Output P5 RESERVED M23 VCC Power/Other P6 A04# Source Sync Input/Output M24 VCC Power/Other P7 VSS Power/Other M25 VCC Power/Other P8 VCC Power/Other M26 VCC Power/Other R1 COMP3 Power/Other Input Table 4-2. Land Listing by Land Number (Sheet 7 of 9) Land No. Land Name Signal Buffer Type Direction Land No. Land Name Signal Buffer Type Direction |