công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST62T85BQ6 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện ST62T85BQ6
Giải thích chi tiết về linh kiện  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T85BQ6 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  ST62T85BQ6 Datasheet HTML 1Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 2Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 3Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 4Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 5Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 6Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 7Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 8Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/78
ST62T85B/E85B
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62T85B and ST62E85B devices are low
cost members of the ST62xx 8-bit HCMOS family
of microcontrollers, which is targeted at low to me-
dium complexity applications. All ST62xx devices
are based on a building block approach: a com-
mon core is surrounded by a number of on-chip
peripherals.
The ST62E85B is the erasable EPROM version of
the ST62T85B device, which may be used to em-
ulate the ST62T85B device, as well as the respec-
tive ST6285B ROM devices.
Figure 1. Block Diagram
TEST
NMI
INTERRUPT
PROGRAM
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
PORT A
PORT B
ARTIMER
DIGITAL
8 BIT CORE
TEST/VPP
8-BIT
A/D CONVERTER
PA5 / Scl / 20mA Sink
VDD VSS OSCin OSCout
RESET
WATCHDOG
Memory
PORT C
SPI (SERIAL
PERIPHERAL
INTERFACE)
192 Bytes
7948 bytes
DATA EEPROM
128 Bytes
PB0 / RXD / Ain
S9..S24, S33..S56
COM9..COM16 / S1..S8
(VPP on EPROM/OTP versions only)
VLCD
VLCD1/5
VLCD2/5
TIMER
LCD DRIVER
VA0479
VLCD4/5
VLCD3/5
PC4..PC7 / Ain
PA6 / Sin / 20mA Sink
PA7 / Sout / 20mA Sink
PA4 / TIMER / 20mA Sink
PB2..PB3 / Ain
PB1 / TXD / Ain
COM1..COM8
UART
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78