| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T85BQ6 bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T85BQ6 bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 78 page ![]() Obsolete Product(s) - Obsolete Product(s) 59/78 ST62T85B/E85B LCD CONTROLLER-DRIVER (Cont”d) 4.7.3 Stand by or STOP operation mode No clock from the main oscillator is available in STOP mode for the LCD controller, and the con- troller is switched off when the STOP instruction is executed. All segment and common lines are then switched to ground to avoid any DC biasing of the LCD elements. 4.7.4 LCD Mode Control Register (LCDCR) Address: DCh - Read/Write Bits 7-6 = MUX16, MUX11. Multiplexing ratio se- lect bits. These bits select the number of common backplanes used by the LCD control. Bits 5-3 = HF0, HF1, HF2. Oscillator select bits. These bits allow the LCD controller to be supplied with the correct frequency when different high main oscillator frequencies are selected as system clock. Table 20 shows the set-up for different clock crystals. Bits 2 = Reserved. Bits 1-0 = LF0, LF1. Base frame frequency select bits. These bits control the LCD base operational frequency of the LCD common lines. LF0, LF1 define the 32KHz division factor as shown in Table 23. Table 23. 32KHz Division Factor for Base Frequency Selection 70 MUX16 MUX11 HF2 HF1 HF0 - LF1 LF0 LF1 LF0 32KHz Division Factor 0 0 512 0 1 386 1 0 256 1 1 192 0 0 128 59 |