công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NIPCI-6520 bảng dữ liệu(PDF) 3 Page - National Instruments Corporation

tên linh kiện NIPCI-6520
Giải thích chi tiết về linh kiện  Low-Cost Industrial Digital60 V, Channel-to-Channel Isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NI [National Instruments Corporation]
Trang chủ  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6520 bảng dữ liệu(HTML) 3 Page - National Instruments Corporation

  NIPCI-6520 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low-Cost Industrial Digital I/O – 60 V, Channel-to-Channel Isolated
3
BUY ONLINE at ni.com or CALL (866) 265 9891 (U.S.)
Relay Forms
Relays are classified by number of poles and number of throws. The
pole of a relay is the terminal common to every path. Each position
where the pole can connect is called a throw. A relay can be made of
n poles and m throws. A single-pole single-throw (SPST) relay has one
pole and one throw. A single-pole double-throw (SPDT) relay has one
pole and two throws.
Nonlatching Relays
A nonlatching relay has a power-off initial position of normally closed
(NC). This position is maintained by the force of a spring or permanent
magnet while no current flows. The normally open (NO) contact is
maintained by the force of a magnetic field while current flows through
the coil. When the current stops, the relay reverts back to its initial NC
position. Nonlatching relays return to the default NC position in case of a
fault or power failure. This is particularly useful when controlling a motor
or value where the motor or valve needs to be turned off in case of
power failure or fault.
Software
NI-DAQmx Software Technology
The PCI-6520 requires and is shipped with NI-DAQmx driver software,
version 7.5 or higher. NI-DAQmx software is also available for download
from ni.com/downloads. With NI-DAQmx, you can use your NI digital I/O
device in NI LabVIEW, ANSI C, Microsoft Visual C++, and the Microsoft
.NET languages C# and Visual Basic .NET.
Using NI-DAQmx technology, you can access the full functionality and
state-of-the-art hardware technology of your PCI-6520 digital I/O board.
NI-DAQmx technology speeds up your development with many features
such as automatic code generation to make configuration and
programming easy. The PCI-6520 takes full advantage of key NI-DAQmx
software technologies such as multithreaded streaming technology for
dramatic improvements in I/O performance and ease of use.
• Use DAQ Assistant to guide you to fast, accurate measurements with
no programming.
• Use automatic code generation to create your application in LabVIEW,
C, Visual Basic .NET, or C#.
• Take advantage of multithreaded streaming technology for 1,000X
performance improvements.
• Use automatic timing, triggering, and synchronization technology
to make advanced applications easy.
• Visit ni.com for more than 3,000 FREE software downloads to
jump-start your project.
• Use the NI-DAQmx functions for jumper-free software configuration
of all digital I/O features without hardware switches/jumpers
• Develop your application with easy and open programming in
LabVIEW, ANSI C, Microsoft Visual C++, C#, and Visual Basic .NET.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
P1.0NO
P1.0COM
P1.0NC
P1.2NO
P1.2COM
P1.2NC
P1.4NO
P1.4COM
P1.6NO
P1.6COM
NO CONNECT
P0.0+
P0.0-
P0.2+
P0.2-
P0.4+
P0.4-
P0.6+
P0.6-
P1.1NO
P1.1COM
P1.1NC
P1.3NO
P1.3COM
P1.5NO
P1.5COM
P1.7NO
P1.7COM
NO CONNECT
P0.1+
P0.1-
P0.3+
P0.3-
P0.5+
P0.5-
P0.7+
P0.7-
Digital Input: P0.0 – P0.7
Form C relays: P1.0 – P1.2
Form A relays: P1.3 – P1.7
Figure 3. NI 6520, 37-Pin D-Sub I/O Connector
Single-Pole Single-Throw (SPST) Relay
Single-Pole Double-Throw (SPDT) Relay
Form
Symbol
Description
Form A
SPST relays with a normally open default state
Form C
SPDT relays that break the connection
with one throw before making contact with
the other (break-before-make)
Table 1. Form A and Form C Relays
Figure 2. Types of Relays



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com