công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NIPCI-6520 bảng dữ liệu(PDF) 2 Page - National Instruments Corporation

tên linh kiện NIPCI-6520
Giải thích chi tiết về linh kiện  Low-Cost Industrial Digital60 V, Channel-to-Channel Isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NI [National Instruments Corporation]
Trang chủ  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6520 bảng dữ liệu(HTML) 2 Page - National Instruments Corporation

  NIPCI-6520 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6520 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low-Cost Industrial Digital I/O – 60 V, Channel-to-Channel Isolated
2
BUY ONLINE at ni.com or CALL (866) 265 9891 (U.S.)
Direct Sensor Connection with Isolation
Isolation, a form of built-in signal conditioning, provides several
advantages, such as an extended voltage range for direct connection to
industrial sensors and actuators. Isolation also improves signal quality
and protects computer circuitry. The PCI-6520 provides channel-to-
channel isolation where every channel is physically and electrically
separated from the others. This isolation breaks ground loops, improves
common-mode voltage and noise rejection, and permits the two parts of
the circuit to be at different voltage levels. Many industrial applications
require isolation to protect the electronics from transient voltage spikes
and provide greater common-mode noise rejection in electrically noisy
environments containing machinery and inductive loads.
Glitch-Free Startup with Programmable
Power-Up States
Using programmable power-up states, you can configure the initial
PCI-6520 output states in software to ensure glitch-free operation when
connected to industrial actuators such as pumps, valves, motors, and
relays. The PCI-6520 holds these I/O states after receiving power, so
your computer can boot and your software application can begin running.
Programmable power-up states are glitch free, meaning the outputs
never go through an incorrect state during power up.
You can configure each individual output line as logic high or logic
low. The PCI-6520 stores the settings in onboard nonvolatile memory
and implements the power-up states automatically after power is
applied to the board.
Watchdog Timers for Fault Detection and Recovery
Watchdog timers are an innovative technology that provide protection
against a wide variety of fault conditions:
• Computer crash – total OS crash
• Application crash – software application ceases to respond
• Driver crash – device driver ceases to respond
• PCI bus failure – communications cease to respond
With watchdogs, the digital outputs go to a safe state when a fault
condition is detected and recover safely after the watchdog timer
expires. Watchdogs are important whenever the module is connected
to actuators such as pumps, valves, motors, and relays. The PCI-6520
monitors the software application; if the application fails to reset the
watchdog timer within the time limit, the device automatically sets
the output lines to a user-defined safe state. The PCI-6520 remains in
the watchdog state until the watchdog timer is disarmed by the
application and new I/O values are written, the PCI-6520 is reset, or
the computer is restarted.
Trigger Your Application
with Change Detection
With change detection, you can automatically trigger your software
application to perform a digital read operation upon a digital change of
state. A digital change of state is defined as the rising edge (0 to 1
transition) or falling edge (1 to 0 transition) on one or more digital lines.
Using change detection, you can monitor for digital events with
minimal processor usage. No polling is necessary because the digital I/O
module generates an interrupt to automatically wake up your
application. Using NI-DAQmx software technology, PCI-6520 notifies the
software application when the event is detected, causing the application
to automatically perform a read operation.
To minimize the effects of noisy input lines, use programmable input
filters in combination with change detection to eliminate spurious
change detection events caused by noise or glitches. NI-DAQmx also
includes multithreaded streaming technology so digital change detection
events can occur independent of other data acquisition activities such as
analog input or output events.
Eliminate Noise with Programmable
Input Filters
Programmable input filters remove noise, glitches, and spikes on inputs,
and also provide debouncing for digital switches and relays. This feature
is important for applications in noisy industrial environments to prevent
false readings caused by noise. You can configure the programmable
input filter for each digital line by setting the filter time in seconds. Any
digital noise, glitch, or spike that is shorter than half of the specified
filter time will be blocked by the digital I/O device, preventing invalid
readings and false triggers for change detection events.
Figure 1. PCI-6520 Hardware Block Diagram



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com