| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L2722 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L2722 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() THERMAL DATA SIP-9 Powerdip Minidip Rth j-case Thermal Resistance Junction-case Max. 10 oC/W 15 oC/W 70 oC/W Rth j-amb Thermal Resistance Junction-ambient Max. 70 oC/W 70 oC/W 100 oC/W ELECTRICAL CHARACTERISTICS Vs = 24V, Tamb = 25 oC unless otherwise specified Symbol Parameter Test Conditions Min. Typ. Max. Unit Vs Single Supply Voltage 4 28 V Vs Split Supply Voltage ± 2 ± 14 V Is Quiescent Drain Current Vo = Vs 2 Vs = 24V 10 15 mA Vs = 8V 9 15 Ib Input Bias Current 0.2 1 µA Vos Input Offset Voltage 10 mV Ios Input Offset Current 100 nA SR Slew Rate 2 V/ µs B Gain-bandwidth Product 1.2 MHz Ri Input Resistance 500 k Ω Gv O.L. Voltage Gain f = 100Hz f = 1kHz 70 80 60 dB eN Input Noise Voltage B = 22Hz to 22kHz 10 µV IN Input Noise Voltage 200 pA CMR Common Mode Rejection f = 1kHz 66 84 dB SVR Supply Voltage Rejection f = 100Hz Vs = 24V RG = 10k Ω Vs = ±12V VR = 0.5V Vs = ±6V 60 70 75 80 dB VDROP(HIGH) Vs = ±2.5V to ±12V Ip = 100mA Ip = 500mA 0.7 11.5 V VDROP(LOW) Vs = ±2.5V to ±12V Ip = 100mA Ip = 500mA 0.3 0.5 1 V Cs Channel Separation f = 1KHz Vs = 24V RL = 10 Ω Vs = 6V Gv = 30dB 60 60 dB Tsd Thermal Shutdown Junction Temperature 145 oC Figure 1 : Quiescent Current vs. Supply Voltage FIgure 2 : Open Loop Gain vs. Frequency L2720/2/4 3/10 |