| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85321 bảng dữ liệu(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85321 bảng dữ liệu(HTML) 22 Page - NXP Semiconductors |
|
22 / 44 page ![]() PCF8532_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 10 February 2009 22 of 44 NXP Semiconductors PCF8532 Universal LCD driver for low multiplex rates 7.17 Command decoder The command decoder identifies command bytes that arrive on the I2C-bus. The commands available to the PCF8532 are defined in Table 8. Fig 15. I2C-bus protocol EXAMPLES a) transmit two bytes of RAM data mgl752 S A 0 S 0 1110 0 0 control byte slave address RAM/command byte RAM DATA M S B L S B A A P R/W = 0 S A 0 S 0 1110 0 0 1 0 A A A P RAM DATA A b) transmit two command bytes COMMAND S A 0 S 0 1110 0 1 0 0 A A A P COMMAND A A c) transmit one command byte and two RAM date bytes COMMAND S A 0 S 0 1110 0 1 0 00 01 0 A A A P RAM DATA A RAM DATA A A C O R S Fig 16. Format of control byte Table 7. Load-data-pointer command bit description Bit Symbol Value Description 7CO continue bit 0 last control byte 1 control bytes continue 6RS register selection 0 command register 1 data register 5 to 0 - not relevant mgl753 not relevant CO 7 6 5 4 3 210 RS MSB LSB |