| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS22SDP2 bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SS22SDP2 bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 48 page ![]() ADS1274EVM-PDK Kit Operation www.ti.com space Step 3. Plug the ADS1274EVM into the MMB0 as Figure 10 illustrates. Figure 10. Connecting ADS1274EVM to MMB0 CAUTION Do not misalign the pins when plugging the ADS1274EVM into the MMB0. Check the pin alignment carefully before applying power to the PDK. Step 4. Set the jumpers and switches on the ADS1274EVM as shown in Figure 7 (note that these settings are the factory-configured settings for the EVM). Note that the default configuration for the EVM is to use external ±10V supplies for the input amplifiers. ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK 14 SBAU134A – August 2008 – Revised May 2009 Submit Documentation Feedback |