| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6IPW bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
6IPW bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 27 page ![]() 8.1 Installing the ADCPro Software www.ti.com ADS1246EVM-PDK Kit Operation CAUTION Do not connect the ADS1246EVM-PDK before installing the software on a suitable PC. Failure to observe this caution may cause Microsoft Windows to not recognize the ADS1246EVM-PDK as a connected device. The CD-ROM shipped with the ADS1246EVM contains an installer for ADCPro as well as an installer for the ADS1246EVM plug-in. The latest software is available from the TI website at http://www.ti.com/. Refer to the ADCPro User Guide for instructions on installing and using ADCPro. To install the ADS1246EVM-PDK plug-in, run the file: ads1246evm-pdk-plug-in-1.0.0.exe (1.0.0 is the version number, and increments with software version releases - you may have a different version on your CD). Double-click the file to run it; then follow the instructions shown. You can also utilize the ADCPro Update Check feature to check for newer versions of the ADS1246EVM-PDK plug-in, once you have installed a version of it. Follow the on-screen prompts. Once the ADCPro plug-in installs, you will be prompted to install the Virtual COM port driver as shown in Figure 4. Figure 4. Virtual COM Port Installer Press OK and the screen shown in Figure 5 is displayed. Figure 5. Virtual COM Port Setup If you already have a TUSB3410 Virtual COM port driver installed on your system, select Cancel; otherwise, press Setup and follow the on-screen prompts. You may be notified that the driver is not digitally signed. If this message appears, select Continue Anyway and proceed. SBAU149A – June 2009 – Revised July 2009 ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK 9 Submit Documentation Feedback |