công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1178IPAPR bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1178IPAPR
Giải thích chi tiết về linh kiện  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments ADS1178IPAPR Datasheet HTML 22Page - Texas Instruments ADS1178IPAPR Datasheet HTML 23Page - Texas Instruments ADS1178IPAPR Datasheet HTML 24Page - Texas Instruments ADS1178IPAPR Datasheet HTML 25Page - Texas Instruments ADS1178IPAPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
SYNC
DIN
DOUT1
SYNC
SCLK
FSYNC
SCLK
ADS1178
SYNC
DIN
CLK
CLK
FSYNC
DOUT1
SCLK
ADS1178
SYNC
DOUT1
SCLK
ADS1178
SYNC
DIN
FSYNC
DOUT1
SCLK
ADS1178
CLK
CLK
CLK
FSYNC
DIN
FSYNC
Serial
Data
from
Devices
1and2
Serial
Data
from
Devices
3and4
U4
U3
U2
U1
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
To increase the number of data channels possible in
Whether the interface protocol is SPI or Frame-Sync,
a chain, a segmented DOUT scheme may be used,
it is recommended to synchronize all devices by tying
producing two data streams. Figure 23 illustrates four
the SYNC inputs together. When synchronized in SPI
ADS1178s, with a pair of ADS1178s daisy-chained
protocol, it is only necessary to monitor the DRDY
together. The channel data of each daisy-chained
output of one ADS1178.
pair are shifted out in parallel and are received by the
In Frame-Sync interface protocol, the data from all
processor through independent data channels.
devices are ready on the rising edge of FSYNC.
Since DOUT1 and DIN are both shifted on the falling
edge of SCLK, the propagation delay on DOUT1
creates a setup time for DIN. Minimize the skew in
SCLK to avoid timing violations.
Figure 23. Segmented DOUT Daisy-Chain, Frame-Sync Protocol (FORMAT[2:0] = 011 or 100)
22
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com