công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F809 bảng dữ liệu(PDF) 21 Page - fujitsu semiconductor

tên linh kiện MB90F809
Giải thích chi tiết về linh kiện  16-bit Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F809 bảng dữ liệu(HTML) 21 Page - fujitsu semiconductor

Back Button MB90F809 Datasheet HTML 17Page - fujitsu semiconductor MB90F809 Datasheet HTML 18Page - fujitsu semiconductor MB90F809 Datasheet HTML 19Page - fujitsu semiconductor MB90F809 Datasheet HTML 20Page - fujitsu semiconductor MB90F809 Datasheet HTML 21Page - fujitsu semiconductor MB90F809 Datasheet HTML 22Page - fujitsu semiconductor MB90F809 Datasheet HTML 23Page - fujitsu semiconductor MB90F809 Datasheet HTML 24Page - fujitsu semiconductor MB90F809 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
MB90800 Series
DS07-13733-6E
21
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
00004EH
OCSL
Control status register (lower)
R/W
Output Compare
0/1
0 0 0 0 - - 0 0B
00004FH
OCSH
Control status register (upper)
R/W
- - - 0 0 0 0 0B
000050H
TMCSR0L
Timer control status register (lower)
R/W
16-bit reload
timer 0
0 0 0 0 0 0 0 0B
000051H
TMCSR0H
Timer control status register (upper)
R/W
- - - - 0 0 0 0B
000052H
TMR0/
TMRLR0
16-bit timer register/Reload register
R/W
XXXXXXXXB
000053H
XXXXXXXXB
000054H
TMCSR1L
Timer control status register (lower)
R/W
16-bit reload
timer 1
0 0 0 0 0 0 0 0B
000055H
TMCSR1H
Timer control status register (upper)
R/W
- - - - 0 0 0 0B
000056H
TMR1/
TMRLR1
16-bit timer register/Reload register
R/W
XXXXXXXXB
000057H
XXXXXXXXB
000058H
TMCSR2L
Timer control status register (lower)
R/W
16-bit reload
timer 2
0 0 0 0 0 0 0 0B
000059H
TMCSR2H
Timer control status register (upper)
R/W
- - - - 0 0 0 0B
00005AH
TMR2/
TMRLR2
16-bit timer register/Reload register
R/W
XXXXXXXXB
00005BH
XXXXXXXXB
00005CH
LCRL
LCDC control register (lower)
R/W
LCD controller/
driver
0 0 0 1 0 0 0 0B
00005DH
LCRH
LCDC control register (upper)
R/W
0 0 0 0 0 0 0 0B
00005EH
LCRR
LCDC range register
R/W
0 0 0 0 0 0 0 0B
00005FH
Prohibited
000060H
SMCS0
Serial mode control status register
R, R/W
SIO
(Extended Serial
I/O)
0 0 0 0 0 0 1 0B
000061H
R/W
- - - - 0 0 0 0B
000062H
SDR0
Serial Data Register
R/W
XXXXXXXXB
000063H
SDCR0
Communication prescaler control
register
R/W
Communication
prescaler (SIO)
0 - - - 0 0 0 0B
000064H
SMCS1
Serial mode control status register
R, R/W
SIO
(Extended Serial
I/O)
0 0 0 0 0 0 1 0B
000065H
R/W
- - - - 0 0 0 0B
000066H
SDR1
Serial Data Register
R/W
XXXXXXXXB
000067H
SDCR1
Communication prescaler control
register
R/W
Communication
prescaler (SIO)
0 - - - 0 0 0 0B
000068H
Prohibited
000069H
00006AH
IBSR
I2C status register
R
I2C
0 0 0 0 0 0 0 0B
00006BH
IBCR
I2C control register
R/W
0 0 0 0 0 0 0 0B
00006CH
ICCR
I2C clock control register
R/W
XX0XXXXXB
00006DH
IADR
I2C address register
R/W
XXXXXXXXB
00006EH
IDAR
I2C data register
R/W
XXXXXXXXB
00006FH
ROMM
ROM mirror function select register
R/W, W
ROM mirror
XXXXXXX1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com