| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F809 bảng dữ liệu(PDF) 2 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F809 bảng dữ liệu(HTML) 2 Page - fujitsu semiconductor |
|
2 / 92 page ![]() MB90800 Series 2 DS07-13733-6E (Continued) • Optimized instruction set for controller applications • Wide choice of data types (bit, byte, word, and long word) • Wide choice of addressing modes (23 types) • High code efficiency • Enhanced high-precision computing with 32-bit accumulator • Enhanced Multiply/Divide instructions with sign and the RETI instruction • Instruction system compatible with high-level language (C language) and multitask • Employing system stack pointer • Instruction set has symmetry and barrel shift instructions • Program Patch Function (2 address pointer) • 4-byte instruction queue • Interrupt function • The priority level can be set to programmable. • Interrupt function with 32 factors • Data transfer function • Expanded intelligent I/O service function (EI2OS): Maximum of 16 channels • Low Power Consumption Mode • Sleep mode (a mode that halts CPU operating clock) • Time-base timer mode (a mode that operates oscillation clock and time-base timer) • Watch mode (mode in which only the subclock and watch timers operate) • Stop mode (a mode that stops oscillation clock and sub clock) • CPU blocking mode (operating CPU at each set cycle) • Package • QFP-100 (FPT-100P-M06 : 0.65 mm lead pitch) • Process : CMOS technology |