| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482B bảng dữ liệu(PDF) 78 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482B bảng dữ liệu(HTML) 78 Page - fujitsu semiconductor |
|
78 / 124 page ![]() MB90480B/485B Series 78 DS07-13722-11E 21. Interrupt Controller The interrupt control register is built in interrupt controller, and is supported for all I/O of interrupt function. This register sets corresponding peripheral interrupt level. (1) Register List Note : The use of access involving read-modify-write instructions may lead to abnormal operation, and should be avoided. Interrupt control registers Address : ICR01 ICR03 ICR05 ICR07 ICR09 ICR11 ICR13 ICR15 0000B1H 0000B3H 0000B5H 0000B7H 0000B9H 0000BBH 0000BDH 0000BFH Read/write → Initial value → Interrupt control registers Address : ICR00 ICR02 ICR04 ICR06 ICR08 ICR10 ICR12 ICR14 0000B0H 0000B2H 0000B4H 0000B6H 0000B8H 0000BAH 0000BCH 0000BEH Read/write → Initial value → 15 14 13 12 11 10 9 8 W X W X W X R/W 0 R/W 1 R/W 1 R/W 1 ⎯ W X ⎯⎯ ⎯ Reserved IL2 IL1 IL0 76 5 4 3 2 1 0 W X W X W X R/W 0 R/W 1 R/W 1 R/W 1 ⎯ W X ⎯⎯ ⎯ Reserved IL2 IL1 IL0 |