| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482B bảng dữ liệu(PDF) 68 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482B bảng dữ liệu(HTML) 68 Page - fujitsu semiconductor |
|
68 / 124 page ![]() MB90480B/485B Series 68 DS07-13722-11E 16. Clock The clock generator module controls the operation of the internal clock circuits that serve as the operating clock for the CPU and peripheral devices. This internal clock is referred to as the machine clock, and one cycle is referred to as a machine cycle. Also, the clock signals from the base oscillator are called the oscillator clock, and those from the PLL oscillator are called the PLL clock. (1) Register List Clock select register (CKSCR) PLL output select register (PLLOS) 0000A1H Read/write Initial value 0000CFH Read/write Initial value R 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 0 R/W 0 15 14 13 12 11 10 9 8 MCM R 1 SCM WS1 WS0 SCS MCS CS1 CS0 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ W X W 0 15 14 13 12 11 10 9 8 ⎯ ⎯ ⎯ ⎯⎯ ⎯ ⎯ ⎯⎯ PLL2 |