công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXI-6529 bảng dữ liệu(PDF) 3 Page - National Instruments Corporation

tên linh kiện PXI-6529
Giải thích chi tiết về linh kiện  24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NI [National Instruments Corporation]
Trang chủ  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-6529 bảng dữ liệu(HTML) 3 Page - National Instruments Corporation

  PXI-6529 Datasheet HTML 1Page - National Instruments Corporation PXI-6529 Datasheet HTML 2Page - National Instruments Corporation PXI-6529 Datasheet HTML 3Page - National Instruments Corporation PXI-6529 Datasheet HTML 4Page - National Instruments Corporation PXI-6529 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R1005050 – Unshielded ribbon cable that terminates with two
50-pin IDC connectors.
0.5 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .182762-0R5
1 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .182762-01
2 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .182762-02
SCB-100 – Shielded I/O connector block with screw terminals and
a general breadboard area for 100-pin digital I/O devices.
SCB-100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .776990-01
CB-50 – Unshielded I/O connector block with DIN-rail mounting and screw
terminals. Includes 50-pin header for direct connection to 50-pin cables.
CB-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .776164-90
CB-50LP – Unshielded termination board with 50 screw terminals.
Includes a 50-pin header for direct connection to 50-pin cables.
CB-50LP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .777101-01
CB-100 Connector Kit – Includes two CB-50 I/O connector blocks and
a 1 m R1005050 ribbon cable.
CB-100 with 1 m R1005050 cable . . . . . . . . . . . . . . . . . . . .777812-01
PCB Mounting Connectors – PCB connectors for use in building custom
accessories that connect to 100-conductor shielded and ribbon cables.
100-pin, female, right-angle mounting . . . . . . . . . . . . . . . .777778-01
100-pin, female, vertical mounting . . . . . . . . . . . . . . . . . . .777779-01
Industrial Digital Input/Output – 60 V, Channel-to-Channel Isolated
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
• Multithreaded technology for 1,000 times performance improvements
• Automatic timing, triggering, and synchronization routing to make
advanced applications easy
• More than 3,000 free software downloads to jump-start your project
available at ni.com/zone
• Software configuration of all digital I/O features without hardware
switches/jumpers
NI 6528 and PXI-6529 devices are compatible with the following
versions (or later) of NI application software: LabVIEW, LabWindows/CVI,
or Measurement Studio versions 7.x; LabVIEW SignalExpress 1.x; or
LabVIEW with the LabVIEW Real-Time Module 7.1. NI 6528 and PXI-6529
devices are not compatible with the Traditional NI-DAQ (Legacy) driver.
Digital I/O Cables and Accessories
The 100-pin high-density SCSI connector on NI 6528 and PXI-6529
devices interfaces to 100-pin ribbon cables or shielded cables. For
low-cost unshielded connectivity, use the R1005050 ribbon cable with
two CB-50LP or CB-50 connector blocks (a CB-100 kit). For shielded
connectivity, use the SH100-100-F shielded digital I/O cable with the
SCB-100 connector block.
SH100-100-F – Shielded 100-conductor cable that terminates with a
100-pin 0.050 series D-type connector that attaches to 100-pin accessories.
1 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .185095-01
2 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .185095-02
SH100-100-F
CB-100
R1005050
PCB Mounting Connectors
SCB-100
CB-50
CB-50LP
Ordering Information
NI PCI-6528 .......................................................................... 778833-01
NI PXI-6528 .......................................................................... 778543-01
NI PXI-6529 .......................................................................... 779949-01
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/dataacquisition.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com