công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXI-6529 bảng dữ liệu(PDF) 2 Page - National Instruments Corporation

tên linh kiện PXI-6529
Giải thích chi tiết về linh kiện  24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NI [National Instruments Corporation]
Trang chủ  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-6529 bảng dữ liệu(HTML) 2 Page - National Instruments Corporation

  PXI-6529 Datasheet HTML 1Page - National Instruments Corporation PXI-6529 Datasheet HTML 2Page - National Instruments Corporation PXI-6529 Datasheet HTML 3Page - National Instruments Corporation PXI-6529 Datasheet HTML 4Page - National Instruments Corporation PXI-6529 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Connect Sensors Directly with Isolation
Isolation is a form of built-in signal conditioning that provides an
extended voltage range for direct connection to industrial sensors and
actuators. NI 6528 and PXI-6529 devices provide channel-to-channel
isolation where every channel is physically and electrically separated
from the others and earth ground. Optical isolators separate the high-
voltage front end from the low-voltage back end, breaking ground
loops, improving common-mode voltage rejection, and protecting
computer circuitry from hazardous voltages. Industrial environments
containing machinery and inductive loads require isolation to protect
the electronics from transient voltage spikes and provide greater
common-mode noise rejection.
Achieve Glitch-Free Startup with
Programmable Power-Up States
Using programmable power-up states, you can configure the initial
NI 6528 output states in software to ensure glitch-free operation
when connected to industrial actuators such as pumps, valves, motors,
and relays. An NI 6528 holds these output states after receiving power,
so your computer can boot and your software application can begin
running. Programmable power-up states are glitch-free, meaning the
outputs never go through an incorrect state during power up.
You can configure each individual digital line as high-output or
low-output. An NI 6528 stores the settings in onboard nonvolatile
memory and implements the power-up states instantaneously after
power is applied to the device.
Detect Faults and Recover with Digital
I/O Watchdogs
Digital I/O watchdog timers are an innovative technology that can
detect a variety of fault conditions, such as an application crash, and
automatically respond by setting the outputs to a user-configured safe
state. Watchdogs are important whenever the module is connected to
actuators such as pumps, valves, motors, and relays. An NI 6528
monitors the software application; if the application fails to respond
within a preset time limit, an NI 6528 automatically sets the output
lines to a user-defined safe state. An NI 6528 remains in the watchdog
state until the watchdog timer is disarmed, an NI 6528 is reset, or the
computer is restarted.
Trigger Your Application with
Change Detection
With change detection, you can automatically trigger your software
application to perform a digital read operation upon a digital change
of state. A digital change of state is defined as the rising edge
(0 to 1 transition) or falling edge (1 to 0 transition) on one or more
digital lines. Using change detection, you can monitor for digital
events with minimal processor usage. No polling is necessary because
the digital I/O module generates an interrupt to automatically wake
up your application.
Using NI-DAQmx software technology, NI 6528 and PXI-6529 devices
notify the software application when an event is detected, causing the
application to automatically perform a read operation. To minimize
the effects of noisy input lines, use programmable input filters in
combination with change detection to eliminate spurious change-
detection events caused by noise or glitches.
Eliminate Noise with Programmable
Input Filters
Programmable input filters remove noise, glitches, and spikes on
inputs as well as provide debouncing for digital switches and relays.
These features are important for applications in industrial environments
to prevent false readings caused by noise. You can configure the
programmable input filter for each digital line by setting the filter time.
NI 6528 and PXI-6529 devices block any digital noise, glitch, or spike
that is shorter than half of the specified filter time, preventing invalid
readings and false triggers for change-detection events.
Use High-Voltage Triggering
With NI 6528 and PXI-6529 devices, you can route isolated high-voltage
(±60 VDC) signals to the PXI trigger bus or RTSI (Real-Time System
Integration) bus, so you can synchronize between multiple high-voltage
devices without additional circuitry. This feature benefits automotive,
aerospace, and industrial monitoring and control applications needing
high-voltage triggers.
Recommended Software
National Instruments measurement services software, built around
NI-DAQmx driver software, includes intuitive application programming
interfaces, configuration tools, I/O assistants, and other tools designed
to reduce system setup, configuration, and development time. National
Instruments recommends using the latest version of NI-DAQmx driver
software for application development in National Instruments LabVIEW,
LabWindows/CVI, and Measurement Studio. To obtain the latest version
of NI-DAQmx, visit ni.com/support/daq/versions. NI measurement
services software speeds up your development with features including:
• A guide to create fast and accurate measurements with no
programming using the DAQ Assistant
• Free LabVIEW SignalExpress LE data-logging software
• Automatic code generation to create your application in NI LabVIEW,
LabWindows/CVI, and LabVIEW SignalExpress as well as Microsoft Visual
Studio .NET, C/C++/C#, or Visual Basic using NI Measurement Studio
Industrial Digital Input/Output – 60 V, Channel-to-Channel Isolated
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com