công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FNP600 bảng dữ liệu(PDF) 9 Page - Power-One

tên linh kiện FNP600
Giải thích chi tiết về linh kiện  600-to-5000-Watt Front-End Power Solutions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWER-ONE [Power-One]
Trang chủ  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP600 bảng dữ liệu(HTML) 9 Page - Power-One

Back Button FNP600_10 Datasheet HTML 5Page - Power-One FNP600_10 Datasheet HTML 6Page - Power-One FNP600_10 Datasheet HTML 7Page - Power-One FNP600_10 Datasheet HTML 8Page - Power-One FNP600_10 Datasheet HTML 9Page - Power-One FNP600_10 Datasheet HTML 10Page - Power-One FNP600_10 Datasheet HTML 11Page - Power-One FNP600_10 Datasheet HTML 12Page - Power-One FNP600_10 Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BCD20034-G Rev. AD, 11-May-10
Page 9 of 15
www.power-one.com
FNP600/850/1000 AC-DC Front-Ends
& FNR-5-12G/FNR-5-48G Power Shelves Data Sheet
Output Pin Assignments
Signal
Pin Location
Ground Reference
Note
Over Temperature / Fan Fail
U1
Logic Ground (LRTN)
Open collector 20mA,int.pull-up 5.11kΩ to 5V DC
AC Power Fail Warning
U2
Logic Ground (LRTN)
Open collector 20mA,int.pull-up 5.11kΩ to 5V DC
Power Supply Present
U3
Logic Ground (LRTN)
10Ω resistance int. connected to LRTN
Output Voltage Fault
U4
Logic Ground (LRTN)
Open collector 20mA,int.pull-up 5.11kΩ to 5V DC
Internal Ground
U5
Internal Ground (SRTN)
2
ADDR0, I
2C Address Bus
T1
Internal Ground (SRTN)
ADDR1, I
2C Address Bus
T2
Internal Ground (SRTN)
ADDR2, I
2C Address Bus
T3
Internal Ground (SRTN)
ADDR3, I
2C Address Bus
T4
Internal Ground (SRTN)
ADDR4, I
2C Address Bus
T5
Internal Ground (SRTN)
DATA, I
2C Data Line
S1
Logic Ground (LRTN)
CLOCK, I
2C Clock Line
S2
Logic Ground (LRTN)
Auxiliary Power +12V
S3
Aux Ground
Auxiliary Power Ground
S4
Aux Ground
Logic Ground
S5
Logic Ground (LRTN)
Output Enable
1
R1
Logic Ground (LRTN)
Open circuit or “High” to LRTN shuts OFF Vo1
Vsense+
R2
Vsense-
Vsense-
R3
Vsense-
Output Margin
R4
Internal Ground (SRTN)
OPTIONAL; External resistance needed to adjust
Vo1 lower than it is set originally
Active Current share
R5
Internal Ground (SRTN)
OPTIONAL
Vout+
P1, P2, P3
Vsense-
Vout-
P4, P5, P6
Vsense-
1 Short pin length
2 SRTN (Internal Ground) is internally connected to Vout-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com