công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FNP600 bảng dữ liệu(PDF) 5 Page - Power-One

tên linh kiện FNP600
Giải thích chi tiết về linh kiện  600-to-5000-Watt Front-End Power Solutions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWER-ONE [Power-One]
Trang chủ  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP600 bảng dữ liệu(HTML) 5 Page - Power-One

  FNP600_10 Datasheet HTML 1Page - Power-One FNP600_10 Datasheet HTML 2Page - Power-One FNP600_10 Datasheet HTML 3Page - Power-One FNP600_10 Datasheet HTML 4Page - Power-One FNP600_10 Datasheet HTML 5Page - Power-One FNP600_10 Datasheet HTML 6Page - Power-One FNP600_10 Datasheet HTML 7Page - Power-One FNP600_10 Datasheet HTML 8Page - Power-One FNP600_10 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BCD20034-G Rev. AD, 11-May-10
Page 5 of 15
www.power-one.com
FNP600/850/1000 AC-DC Front-Ends
& FNR-5-12G/FNR-5-48G Power Shelves Data Sheet
Safety, Regulatory, and EMI Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Agency Approvals
UL60950-1 (UL), CSA C22.2 60950-1 (cUL), EN60950-1 (TUV), IEC60950-1 and CE (LVD)
Electromagnetic
Interference
FCC CFR title 47 Part 15
Sub-Part B,
Conducted:
EN55022/CISPR 22.
Radiated:
B
A
Class
Harmonics
Per IEC61000-3-2.
A
Class
Voltage Fluctuation
and Flicker
Per IEC61000-3-3.
Pass
ESD Susceptability
Per EN61000-4-2, Level 4. Criterion B
8
.
kV
Radiated
Susceptability
Per EN 61000-4-3, Level 3. Criterion A
10
.
V/M
EFT/Burst
Per EN 61000-4-4, Level 4. Criterion B
±4
.
kV
Input Transient
Protection
Per EN 61000-4-5, Class 3. Criterion B Line-to-Line:
Line-to-Ground:
1
2
.
kV
RF Conducted
Disturbances
Per EN 61000-4-6, Level 3. Criterion A
10
.
V
Voltage Interruptions
Per EN 61000-4-11, performance criterion B 30%.
Per EN 61000-4-11, performance criterion C 60%.
Per EN 61000-4-11, performance criterion C 95%.
10
100
5
.
ms
ms
Sec
Voltage Sag Immunity
Per SEMI F47-0999 > 100 VAC.
No output voltage interruption.
.
Leakage Current
Per EN60950-1.
At 240 VAC:
3.5
mA
Environmental Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Altitude
Operating.
Non-Operating.
10K
40K
ASL ft
ASL ft
FNP600-12:
FNP850-12:
FNP600-48:
FNP1000-48:
Internal DC fan for cooling. At 100% load:
At 50% load:
0
0
50
70
ºC
Operating Temperature
FNP850-12R:
Internal DC fan for cooling. At 100% load:
At 94% load:
At 50% load:
0
0
0
40
50
70
ºC
Storage Temperature
-40
85
ºC
Temperature Coefficient
0 ºC to 70 ºC (after 15-minute warm-up).
0.02
%/ºC
Relative Humidity
Non-condensing
95
%RH
Shock
Operating: half-sine, 10 ms, 3-axis.
Non-Operating: half-sine, 10 ms, 3-axis.
+20
+40
Gpk
Gpk
Vibration
Operating: swept sine 5-2000-5 Hz, 5-32
Hz, 0.02îDA, 32-2000 Hz.
Non-operating: random 10-2000 Hz.
1
6.15
Gpk
Grms
Reliability
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
MTBF
(Calculated) MILHDBK 217F Ground Benign.
Demonstrated.
Useful Life.
100 000
250 000
10
hrs
hrs
yrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com