| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC060 bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
VSC060 bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products |
|
3 / 166 page ![]() 3 of 166 Revision 4.1 January 2008 VSC060 Data Sheet TYPICAL APPLICATIONS FC-AL Drive Enclosure Configuration ● Basic port bypass configuration ● Support for up to 128 drives: Backplane Controller supports up to two sets of CRU/SDU functions and 16 drives (32 I/Os), and 16 Backplane Controllers can be attached simultaneously to the serial bus ● Four-drive implementation is shown below; four-channel PBC with two CRU/SDU functions (8 I/Os) and 88 general-purpose I/O lines for drive control and status, and other enclosure control functions. Figure 1. Single Loop, Single Controller with Four Drives Driv eBay 1 VSC120 Embedded Controller Copper or Optics VSC060 EnhancedHigh-Density BackplaneController Driv eBay 2 Driv eBay 3 Driv eBay 4 PBC_EN PBC_EN4 PBC_EN3 PBC_EN2 PBC_EN1 X24C16 EEPROM LM75 Two-Wire Serial Interf ace LEDs Fans (x8) PowerSupplies VSC7147 |