| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP3C40 bảng dữ liệu(PDF) 27 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3C40 bảng dữ liệu(HTML) 27 Page - Altera Corporation |
|
27 / 34 page ![]() Chapter 1: Cyclone III Device Data Sheet 1–27 I/O Timing © January 2010 Altera Corporation Cyclone III Device Handbook, Volume 2 I/O Timing You can use the following methods to determine the I/O timing: ■ the Excel-based I/O Timing. ■ the Quartus II timing analyzer. The Excel-based I/O Timing provides pin timing performance for each device density and speed grade. The data is typically used prior to designing the FPGA to get a timing budget estimation as part of the link timing analysis. The Quartus II timing analyzer provides a more accurate and precise I/O timing data based on the specifics of the design after place-and-route is complete. f The Excel-based I/O Timing spreadsheet is downloadable from Cyclone III Devices Literature website. Glossary Table 1–39 lists the glossary for this chapter. Table 1–39. Glossary (Part 1 of 5) Letter Term Definitions A —— B —— C —— D —— E —— F f HS CLK HIGH-SPEED I/O Block: High-speed receiver/transmitter input and output clock frequency. G GCLK Input pin directly to Global Clock network. GCLK PLL Input pin to Global Clock network through PLL. H HSIODR HIGH-SPEED I/O Block: Maximum/minimum LVDS data transfer rate (HSIODR = 1/TUI). I Input Waveforms for the SSTL Differential I/O Standard V IL V REF V IH VSWING |