công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL97635 bảng dữ liệu(PDF) 16 Page - Intersil Corporation

tên linh kiện ISL97635
Giải thích chi tiết về linh kiện  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 bảng dữ liệu(HTML) 16 Page - Intersil Corporation

Back Button ISL97635 Datasheet HTML 12Page - Intersil Corporation ISL97635 Datasheet HTML 13Page - Intersil Corporation ISL97635 Datasheet HTML 14Page - Intersil Corporation ISL97635 Datasheet HTML 15Page - Intersil Corporation ISL97635 Datasheet HTML 16Page - Intersil Corporation ISL97635 Datasheet HTML 17Page - Intersil Corporation ISL97635 Datasheet HTML 18Page - Intersil Corporation ISL97635 Datasheet HTML 19Page - Intersil Corporation ISL97635 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
FN6434.2
December 22, 2008
TABLE 1. PROTECTIONS TABLE
CASE
FAILURE MODE
DETECTION MODE
FAILED CHANNEL ACTION
GOOD CHANNELS ACTION
VOUT
REGULATED BY
1
CH0 Short Circuit
Upper
Over-Temperature
Protection limit (OTP)
not triggered and VIIN0
< VSC
CH0 ON and burns power
CH1 through CH7 Normal
Highest VF of
CH1 through CH7
2
CH0 Short Circuit
Upper OTP triggered but
VIN0 < VSC
CH0 goes off until chip cooled and
then comes back on with current
reduced to 76%. Further OTP
triggers result in reduction to 53%,
then 30%. Thermal event reported
in Fault/Status Register.
Same as CH0
Highest VF of
CH1 through CH7
3
CH0 Short Circuit
Upper OTP not triggered
but VIIN0 > VSC
CH0 doubled after 6ms time-out.
Time-out reduced to 420µs if above
lower OTP limit
CH1 through CH7 Normal
Highest VF of
CH1 through CH7
4
CH0 Open Circuit
with infinite
resistance
Upper OTP not triggered
and VIIN0 < VSC
VOUT will ramp to OVP. CH0 will
time-out after 6ms (800µs if above
lower OTP limit) and switch off.
VOUT will drop to normal level.
CH1 through CH7 Normal
Highest VF of
CH1 through CH7
5
CH0 LED Open
Circuit but has
paralleled Zener
Upper OTP not triggered
and VIIN0 < VSC
CH0 remains ON and has highest
VF, thus VOUT increases
CH1 through CH7 ON, Q1
through Q7 burn power
VF of CH0
6
CH0 LED Open
Circuit but has
paralleled Zener
Upper OTP triggered but
VIIN0 < VSC
CH0 goes off until chip cooled and
then comes back on with current
reduced to 76%. Further OTP
triggers result in reduction to 53%,
then 30%. Thermal event reported
in Fault/Status Register.
Same as CH0
VF of CH0
7
CH0 LED Open
Circuit but has
paralleled Zener
Upper OTP not triggered
but VIIN0 > VSC
CH0 OFF
CH1 through CH7 Normal
Highest VF of
CH1 through CH7
Upper OTP not triggered
but VIINx > VSC
CH0 remains ON and has highest
VF, thus VOUT increases.
VOUT increases then CH-X
switches OFF. This is an
unwanted shut off and can be
prevented by setting OVP and/or
VSC at an appropriate level.
VF of CH0
8
Channel-to-Channel
ΔVF too high
Lower OTP triggered but
VIINx < VSC
Any channel at below 50% of the target current will fault out after
400µs.
Remaining channels driven with normal current.
Highest VF of
CH0 through CH7
9
Channel-to-Channel
ΔVF too high
Upper OTP triggered but
VIINx < VSC
All channels switched off until chip cooled and then comes back on
with current reduced to 76%. Further OTP triggers result in reduction
to 53%, then 30%. Thermal event reported in Fault/Status Register.
Highest VF of
CH0 through CH7
10
Output LED stack
voltage too high
VOUT > VOVP
Driven with normal current. Any channel that is below 50% of the target
current will time-out after 6ms.
Highest VF of
CH0 through CH7
11
VOUT/LX shorted to
GND
LX current and timing
are monitored.
OVP pin monitored for
excursions below 20% of
OVP threshold
Fault switch disabled and system shutdown until fault goes away,
VOUT is checked at start-up with a low current from LX to check for
presence of short before the fault switch is enabled.
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com