| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF720-MV/ML bảng dữ liệu(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-MV/ML bảng dữ liệu(HTML) 85 Page - Microchip Technology |
|
85 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 85 PIC16F/LF720/721 TABLE 9-2: SUMMARY OF ASSOCIATED ADC REGISTERS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ADCON0 — — CHS3 CHS2 CHS1 CHS0 GO/DONE ADON --00 0000 --00 0000 ADCON1 — ADCS2 ADCS1 ADCS0 — — — — -000 ---- -000 ---- ANSELA — — ANSA5 ANSA4 — ANSA2 ANSA1 ANSA0 --11 -111 --11 -111 ANSELB — — ANSB5 ANSB4 — — — — --11 ---- --11 ---- ANSELC ANSC7 ANSC6 — — ANSC3 ANSC2 ANSC1 ANSC0 11-- 1111 11-- 1111 ADRES ADC Result Register xxxx xxxx uuuu uuuu FVRCON FVRRDY FVREN TSEN TSRNG — — ADFVR1 ADFVR0 q000 --00 q000 --00 INTCON GIE PEIE TMR0IE INTE RABIE TMR0IF INTF RABIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 TRISA — — TRISA5 TRISA4 — TRISA2 TRISA1 TRISA0 --11 -111 --11 -111 TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends on condition. Shaded cells are not used for ADC module. |