| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF720-MV/ML bảng dữ liệu(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-MV/ML bảng dữ liệu(HTML) 61 Page - Microchip Technology |
|
61 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 61 PIC16F/LF720/721 FIGURE 6-10: BLOCK DIAGRAM OF RB7 I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUB RD WPUB RD PORTB RD PORTB WR PORTB WR TRISB RD TRISB WR IOCB RD IOCB Interrupt-on- RABPU Change Q3 SPEN TXEN CK TX SYNC AUSART AUSART 0 1 1 0 0 1 1 0 0 1 1 0 ‘1’ TABLE 6-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTB Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ADCON0 — — CHS3 CHS2 CHS1 CHS0 GO/DONE ADON --00 0000 --00 0000 ANSELB — — ANSB5 ANSB4 — — — — --11 ---- --11 ---- INTCON GIE PEIE TMR0IE INTE RABIE TMR0IF INTF RABIF 0000 000x 0000 000x IOCB IOCB7 IOCB6 IOCB5 IOCB4 — — — — 0000 ---- 0000 ---- OPTION_REG RABPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 PORTB RB7 RB6 RB5 RB4 — — — — xxxx ---- uuuu ---- T1GCON TMR1GE T1GPOL T1GTM T1GSPM T1GGO/ DONE T1GVAL T1GSS1 T1GSS0 0000 0x00 uuuu uxuu TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- WPUB WPUB7 WPUB6 WPUB5 WPUB4 — — — — 1111 ---- 1111 ---- RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x TXREG AUSART Transmit Data Register 0000 0000 0000 0000 RCREG AUSART Receive Data Register 0000 0000 0000 0000 Legend: x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTB. |