công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 347 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 347 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 343Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 344Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 345Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 346Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 347Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 348Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 349Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 350Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 351Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 349
PIC16F/LF1825/1829
MOVWI
Move W to INDFn
Syntax:
[ label ] MOVWI ++FSRn
[ label ] MOVWI --FSRn
[ label ] MOVWI FSRn++
[ label ] MOVWI FSRn--
[ label ] MOVWI k[FSRn]
Operands:
n
 [0,1]
mm
 [00,01, 10, 11]
-32
 k  31
Operation:
W
 INDFn
Effective address is determined by
• FSR + 1 (preincrement)
• FSR - 1 (predecrement)
• FSR + k (relative offset)
After the Move, the FSR value will be
either:
• FSR + 1 (all increments)
• FSR - 1 (all decrements)
Unchanged
Status Affected:
None
Mode
Syntax
mm
Preincrement
++FSRn
00
Predecrement
--FSRn
01
Postincrement
FSRn++
10
Postdecrement
FSRn--
11
Description:
This instruction is used to move data
between W and one of the indirect
registers (INDFn). Before/after this
move, the pointer (FSRn) is updated by
pre/post incrementing/decrementing it.
Note: The INDFn registers are not
physical registers. Any instruction that
accesses an INDFn register actually
accesses the register at the address
specified by the FSRn.
FSRn is limited to the range 0000h -
FFFFh. Incrementing/decrementing it
beyond these bounds will cause it to wrap
around.
The increment/decrement operation on
FSRn WILL NOT affect any Status bits.
NOP
No Operation
Syntax:
[ label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Description:
No operation.
Words:
1
Cycles:
1
Example:
NOP
OPTION
Load OPTION_REG Register
with W
Syntax:
[ label ] OPTION
Operands:
None
Operation:
(W)
 OPTION_REG
Status Affected:
None
Description:
Move data from W register to
OPTION_REG register.
RESET
Software Reset
Syntax:
[ label ] RESET
Operands:
None
Operation:
Execute a device Reset. Resets the
nRI flag of the PCON register.
Status Affected:
None
Description:
This instruction provides a way to
execute a hardware Reset by soft-
ware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com