công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 346 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 346 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 342Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 343Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 344Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 345Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 346Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 347Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 348Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 349Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 350Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 348
Preliminary
 2010 Microchip Technology Inc.
MOVIW
Move INDFn to W
Syntax:
[ label ] MOVIW ++FSRn
[ label ] MOVIW --FSRn
[ label ] MOVIW FSRn++
[ label ] MOVIW FSRn--
[ label ] MOVIW k[FSRn]
Operands:
n
 [0,1]
mm
 [00,01, 10, 11]
-32
 k  31
Operation:
INDFn
 W
Effective address is determined by
• FSR + 1 (preincrement)
• FSR - 1 (predecrement)
• FSR + k (relative offset)
After the Move, the FSR value will be
either:
• FSR + 1 (all increments)
• FSR - 1 (all decrements)
• Unchanged
Status Affected:
Z
Mode
Syntax
mm
Preincrement
++FSRn
00
Predecrement
--FSRn
01
Postincrement
FSRn++
10
Postdecrement
FSRn--
11
Description:
This instruction is used to move data
between W and one of the indirect
registers (INDFn). Before/after this
move, the pointer (FSRn) is updated by
pre/post incrementing/decrementing it.
Note: The INDFn registers are not
physical registers. Any instruction that
accesses an INDFn register actually
accesses the register at the address
specified by the FSRn.
FSRn is limited to the range 0000h -
FFFFh. Incrementing/decrementing it
beyond these bounds will cause it to wrap
around.
MOVLB
Move literal to BSR
Syntax:
[ label ] MOVLB k
Operands:
0
 k  15
Operation:
k
 BSR
Status Affected:
None
Description:
The five-bit literal ‘k’ is loaded into the
Bank Select Register (BSR).
MOVLP
Move literal to PCLATH
Syntax:
[ label ] MOVLP k
Operands:
0
 k  127
Operation:
k
 PCLATH
Status Affected:
None
Description:
The seven-bit literal ‘k’ is loaded into the
PCLATH register.
MOVLW
Move literal to W
Syntax:
[ label ]
MOVLW k
Operands:
0
 k  255
Operation:
k
 (W)
Status Affected:
None
Description:
The eight-bit literal ‘k’ is loaded into W
register. The “don’t cares” will assem-
ble as ‘0’s.
Words:
1
Cycles:
1
Example:
MOVLW
0x5A
After Instruction
W
=
0x5A
MOVWF
Move W to f
Syntax:
[ label ]
MOVWF
f
Operands:
0
 f  127
Operation:
(W)
 (f)
Status Affected:
None
Description:
Move data from W register to register
‘f’.
Words:
1
Cycles:
1
Example:
MOVWF
OPTION
Before Instruction
OPTION =
0xFF
W
=
0x4F
After Instruction
OPTION =
0x4F
W
=
0x4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com