công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 343 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 343 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 339Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 340Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 341Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 342Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 343Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 344Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 345Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 346Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 347Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 345
PIC16F/LF1825/1829
CALL
Call Subroutine
Syntax:
[ label ] CALL k
Operands:
0
 k  2047
Operation:
(PC)+ 1
 TOS,
k
 PC<10:0>,
(PCLATH<4:3>)
 PC<12:11>
Status Affected:
None
Description:
Call Subroutine. First, return address
(PC + 1) is pushed onto the stack.
The eleven-bit immediate address is
loaded into PC bits <10:0>. The upper
bits of the PC are loaded from
PCLATH. CALL is a two-cycle instruc-
tion.
CALLW
Subroutine Call With W
Syntax:
[ label ] CALLW
Operands:
None
Operation:
(PC) +1
 TOS,
(W)
 PC<7:0>,
(PCLATH<6:0>)
PC<14:8>
Status Affected:
None
Description:
Subroutine call with W. First, the
return address (PC + 1) is pushed
onto the return stack. Then, the con-
tents of W is loaded into PC<7:0>,
and the contents of PCLATH into
PC<14:8>. CALLW is a two-cycle
instruction.
CLRF
Clear f
Syntax:
[ label ] CLRF
f
Operands:
0
 f  127
Operation:
00h
 (f)
1  Z
Status Affected:
Z
Description:
The contents of register ‘f’ are cleared
and the Z bit is set.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h
 (W)
1  Z
Status Affected:
Z
Description:
W register is cleared. Zero bit (Z) is
set.
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT
Operands:
None
Operation:
00h
 WDT
0  WDT prescaler,
1  TO
1  PD
Status Affected:
TO, PD
Description:
CLRWDT instruction resets the Watch-
dog Timer. It also resets the prescaler
of the WDT.
Status bits TO and PD are set.
COMF
Complement f
Syntax:
[ label ] COMF
f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f)
 (destination)
Status Affected:
Z
Description:
The contents of register ‘f’ are com-
plemented. If ‘d’ is ‘0’, the result is
stored in W. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
DECF
Decrement f
Syntax:
[ label ] DECF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f) - 1
 (destination)
Status Affected:
Z
Description:
Decrement register ‘f’. If ‘d’ is ‘0’, the
result is stored in the W
register. If ‘d’ is ‘1’, the result is stored
back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com