| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R32C bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp |
|
22 / 126 page ![]() REJ03B0255-0110 Rev.1.10 Page 22 of 123 Jun 23, 2010 R32C/118 Group 1. Overview Notes: 1. Pins AN15_0 to AN15_7 are available in the 144-pin package only. 2. Pins OUTC2_3 to OUTC2_7 are available in the 144-pin package only. Table 1.17 Pin Definitions and Functions (4/4) Function Symbol I/O Description A/D converter AN_0 to AN_7, AN0_0 to AN0_7, AN2_0 to AN2_7, AN15_0 to AN15_7 (1) I Analog input for the A/D converter ADTRG I External trigger input for the A/D converter ANEX0 I/O Expanded analog input for the A/D converter and output in external op-amp connection mode ANEX1 I Expanded analog input for the A/D converter D/A converter DA0, DA1 O Output for the D/A converter Reference voltage input VREF I Reference voltage input for the A/D converter and D/A converter Intelligent I/O IIO0_0 to IIO0_7 I/O Input/output for the Intelligent I/O group 0. Either input capture or output compare is selectable IIO1_0 to IIO1_7 I/O Input/output for the Intelligent I/O group 1. Either input capture or output compare is selectable UD0A, UD0B, UD1A, UD1B I Input for the two-phase encoder OUTC2_0 to OUTC2_7 (2) O Output for OC (output compare) of the Intelligent I/O group 2 ISCLK2 I/O Clock input/output for the serial interface ISRXD2 I Receive data input for the serial interface ISTXD2 O Transmit data output for the serial interface IEIN I Receive data input for the serial interface IEOUT O Transmit data output for the serial interface Multi-master I2C- bus MSDA I/O Serial data input/output MSCL I/O Transmit/receive clock input/output CAN Module CAN0IN, CAN1IN I Receive data input for the CAN communications CAN0OUT, CAN1OUT O Transmit data output for the CAN communications CAN0WU, CAN1WU I Input for the CAN wake-up interrupt |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |