công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R32C bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp

tên linh kiện R32C
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp

Back Button R32C Datasheet HTML 16Page - Renesas Technology Corp R32C Datasheet HTML 17Page - Renesas Technology Corp R32C Datasheet HTML 18Page - Renesas Technology Corp R32C Datasheet HTML 19Page - Renesas Technology Corp R32C Datasheet HTML 20Page - Renesas Technology Corp R32C Datasheet HTML 21Page - Renesas Technology Corp R32C Datasheet HTML 22Page - Renesas Technology Corp R32C Datasheet HTML 23Page - Renesas Technology Corp R32C Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 20 of 123
Jun 23, 2010
R32C/118 Group
1. Overview
Note:
1.
Pins
BC2/D1, WR2, WR3, BC2, and BC3 are available in the 144-pin package only.
Table 1.15
Pin Definitions and Functions (2/4)
Function
Symbol
I/O
Description
Bus control pins
BC0/D0, BC2/D1
(1)
I/O
Output of byte control (
BC0 and BC2) and input/output of
data (D0 and D1) by time-division while accessing an
external memory space with multiplexed bus
CS0 to CS3
O
Chip select output
WR0/WR1/WR2/
WR3
WR/BC0/BC1/
BC2/BC3
RD (1)
O
Output of write, byte control, and read signals. Either
WRx
or
WR and BCx can be selected by a program.
Data is read when
RD is low.
• When
WR0, WR1, WR2, WR3, and RD are selected,
data is written to the following address:
4n+0, when
WR0 is low
4n+1, when
WR1 is low
4n+2, when
WR2 is low
4n+3, when
WR3 is low
on 32-bit external data bus
or
an even address, when
WR0 is low
an odd address, when
WR1 is low
on 16-bit external data bus
• When
WR, BC0, BC1, BC2, BC3, and RD are selected,
data is written, when
WR is low
and
the following address is accessed:
4n+0, when
BC0 is low
4n+1, when
BC1 is low
4n+2, when
BC2 is low
4n+3, when
BC3 is low
on 32-bit external data bus
or
an even address, when
BC0 is low
an odd address, when
BC1 is low
on 16-bit external data bus
ALE
O
Latch enable signal in multiplexed bus format
HOLD
I
The MCU is in a hold state while this pin is held low
HLDA
O
This pin is driven low while the MCU is held in a hold state
RDY
I
Bus cycle is extended by the CPU if this pin is low on the
falling edge of the BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com