| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT2249AL bảng dữ liệu(PDF) 11 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PT2249AL bảng dữ liệu(HTML) 11 Page - Princeton Technology Corp |
|
11 / 23 page ![]() Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw PT2249A_PT2250A V2.6 - 11 - May, 2007 Remote Control Receiver IC PT2249A_PT2250A CODE ALLOCATION* * NOTE: KEY NO. IS OF PT2248 PT2248 Data Bit H S1 S2 D1 D2 D3 D4 D5 D6 Key No. T1 T2 T3 K1 K2 K3 K4 K5 K6 Function of Instruction (PT2249A or PT2250A O/P) 1 1 0 0 1 0 0 0 0 0 Continuous Signal HP1 2 1 0 0 0 1 0 0 0 0 Continuous Signal HP2 3 1 0 0 0 0 1 0 0 0 Continuous Signal HP3 4 1 0 0 0 0 0 1 0 0 Continuous Signal HP4 5 1 0 0 0 0 0 0 1 0 Continuous Signal HP5 6 1 0 0 0 0 0 0 0 1 Continuous Signal HP6 7 0 1 0 1 0 0 0 0 0 Single-Shot Signal SP1 8 0 1 0 0 1 0 0 0 0 Single-Shot Signal SP2 9 0 1 0 0 0 1 0 0 0 Single-Shot Signal SP3 10 0 1 0 0 0 0 1 0 0 Single-Shot Signal SP4 11 0 1 0 0 0 0 0 1 0 Single-Shot Signal SP5 12 0 1 0 0 0 0 0 0 1 Single-Shot Signal SP6 13 0 0 1 1 0 0 0 0 0 Single-Shot Signal SP7 14 0 0 1 0 1 0 0 0 0 Single-Shot Signal SP8 15 0 0 1 0 0 1 0 0 0 Single-Shot Signal SP9 16 0 0 1 0 0 0 1 0 0 Single-Shot Signal SP10 17 0 0 1 0 0 0 0 1 0 Cyclic Signal CP1 18 0 0 1 0 0 0 0 0 1 Cyclic Signal CP2 C1 ~ C3 Code Bits are available in addition to the above data bits for optional Code Selection. PT2250A can use all keys. PT2249A are able to use Key No. 1 ~ 5 and Key No. 7 ~ 11. PT2249A/AL/AHN can use Key No. 1 ~ 5, Key No. 7 ~ 9, and Key No. 17 ~ 18. |