| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GPRS bảng dữ liệu(PDF) 14 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
|
|||||||||||||||||||||||||||||
GPRS bảng dữ liệu(HTML) 14 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
14 / 15 page ![]() Shenzhen KYL Communication Equipment Co., Ltd www.rf-data.com Fax: 86-755-83408785 sales02@rf-data.com 14 SMS. (The default is sending the GPS data to the telephone by SMS) 5.23 Set APN For sending GPS data to IP address, you should set up mobile network Access Point Name (APN).If you don’t know the APN, you can consult local network service supplier. The format of set APN is apn+password+space+APN, after set up successfully; the device will reply SMS “Set APN ok” For example password is 123456, Send SMS ‘apn123456 cmnet’ to the device. 6 Cautions Please comply with the instructions to extend the device life: 1. Keep the device dry. Any liquid, i.e. rain, moisture, may destroy or damage the inside circuitry. 2. Don’t use & store the device in dusty places. 3. Don’t put the device in overheated or overcooled places. 4. Handle carefully. Don’t vibrate or shake it violently. 5. Clear the device with a piece of dry cloth. Don’t clean in chemicals, detergent. 6. Don’t paint the device, this may cause some foreign materials left in between the parts. 7. Don’t disassemble or refit the device. 8. Please use the battery and charger provided by manufacturer. Using other batteries and chargers will cause unwanted situation. 9. Don’t dismount the antenna randomly, or use other antennas. This may interfere the transmission, and increase the radiation as well. |