| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GPRS bảng dữ liệu(PDF) 9 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
|
|||||||||||||||||||||||||||||
GPRS bảng dữ liệu(HTML) 9 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
9 / 15 page ![]() Shenzhen KYL Communication Equipment Co., Ltd www.rf-data.com Fax: 86-755-83408785 sales02@rf-data.com 9 authorized number. If the setting is successfully, the device will reply “no administrator state” in SMS. For example:’noadmin123456 13612345678’ d. If you are in a foreign country to set up your device, you should add the country code which your SIM card belongs to before the cell phone number. For example password is 123456: Send SMS:’admin123456 0011231231234’ 5.8 Real-time polling a. If there is no authorized number, when any number dials up the device, it will report a Geo-info; If there is already an authorized number, then it will not respond when an unauthorized number calls it up. b. When an authorized number dials up the device, it will hang up and report a real-time Geo-info as below: c. When there is no GPS signal fixed, dialing up the device, it will reply the last fixed location as below: 5.9 Auto Track |