công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG5409 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADG5409
Giải thích chi tiết về linh kiện  High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG5409 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADG5409 Datasheet HTML 2Page - Analog Devices ADG5409 Datasheet HTML 3Page - Analog Devices ADG5409 Datasheet HTML 4Page - Analog Devices ADG5409 Datasheet HTML 5Page - Analog Devices ADG5409 Datasheet HTML 6Page - Analog Devices ADG5409 Datasheet HTML 7Page - Analog Devices ADG5409 Datasheet HTML 8Page - Analog Devices ADG5409 Datasheet HTML 9Page - Analog Devices ADG5409 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADG5408/ADG5409
Rev. 0 | Page 6 of 24
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
230
ns typ
RL = 300 Ω, CL = 35 pF
321
388
430
ns max
VS = 8 V; see Figure 32
tON (EN)
215
ns typ
RL = 300 Ω, CL = 35 pF
276
345
397
ns max
VS = 8 V; see Figure 34
tOFF (EN)
134
ns typ
RL = 300 Ω, CL = 35 pF
161
187
209
ns max
VS = 8 V; see Figure 34
Break-Before-Make Time Delay, tD
118
ns typ
RL = 300 Ω, CL = 35 pF
55
ns min
VS1 = VS2 = 8 V; see Figure 33
Charge Injection, QINJ
45
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see
Figure 35
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 28
Channel-to-Channel Crosstalk
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 27
Total Harmonic Distortion + Noise
0.1
% typ
RL = 1 kΩ, 6 V p-p, f = 20 Hz to 20 kHz;
see Figure 30
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF; see Figure 31
ADG5408
35
MHz typ
ADG5409
74
MHz typ
Insertion Loss
−1.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 31
CS (Off )
22
pF typ
VS = 6 V, f = 1 MHz
CD (Off )
ADG5408
119
pF typ
VS = 6 V, f = 1 MHz
ADG5409
59
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
ADG5408
146
pF typ
VS = 6 V, f = 1 MHz
ADG5409
86
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
40
μA typ
Digital inputs = 0 V or VDD
50
65
μA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
14.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA; see
Figure 26
16
19
23
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match Between
Channels, ∆RON
0.3
Ω typ
VS = 0 V to 30 V, IS = −10 mA
0.8
1.3
1.4
Ω max
On-Resistance Flatness, RFLAT (ON)
3.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA
4.3
5.5
6.5
Ω max
LEAKAGE CURRENTS
VDD =39.6 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.1
nA typ
VS = 1 V/30 V, VD = 30 V/1 V; see
Figure 29
±0.25
±1
±7
nA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24